Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button 5802-DS02-R Datasheet HTML 11Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Hardware Interface
Page 7
The BCM5802 enables very low-cost PCI-based cards that can accelerate IPsec processing up to T3 rate. The following
figure shows the architecture of a BCM5802-based accelerator card. The accelerator card also provides key setup
acceleration on the chip as well as a hardware random number generator to generate secret keys.
HARDWARE INTERFACE
The only interface to the BCM5802 is a 32-bit PCI 2.2-compliant bus and a clock input. The following sections describe the
key features of the hardware interface.
Support for Both PCI 3.3V and PCI 5V Signaling Environments
Single supply voltage of 3.3V
±5%. Because I/O pins for the BCM5802 are 5V tolerant, the BCM5802 can be used in both
PCI 3.3V and PCI 5V environments.
Latency Tolerant Design
Descriptor for command as well as data buffers are pre-fetched to reduce the impact of PCI arbitration and system latency
upon overall performance. Large burst sizes (up to a maximum of 64 bytes) are used when possible to fetch descriptor,
command and packet payload data. Command context data is pre-fetched. Payload data is also pre-fetched and written back
in posted fashion.
Support for PCI Clock Rates from 25-33 MHz
PCI clock rates from 25-33 MHz are supported. In general, lower clock rates and higher PCI system latencies have little
impact on system performance, owing to aggressive data pre-fetch.
Figure 3:
PCI IPsec Accelerator Board - Architecture Concept
CPU
PCI Bus
Bridge
Memory
PCI
Mother Board
BCM5802
Cryptographic
Processor
BCM5802
Cryptographic
Processor
PCI
Add-In Card
LAN Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com