Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button 5802-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 19Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 8
In-System Performance Analysis
Document
5802-DS03-405-R
IN-SYSTEM PERFORMANCE ANALYSIS
PCI bus clock and latency have little effect on total BCM5802 system performance. This is because the chip aggressively
pre-fetches and writes back descriptors, command buffers, context parameters and packet data. This aggressive pre-fetch
enables the chip to run encryption and authentication engines at their full potential despite system latencies. Standard
shared PCI bus implementations that run at 20-33 MHz with per-access latencies in the range of 1 ms to 1.5 ms enable the
BCM5802 to run at full speed.
The chip core clock rate has a major impact on performance. Broadcom recommends that the BCM5802 be clocked at
33 MHz, which is the high end of the core clock frequency, in systems where maximal performance is desired. The chip core
clock can be either directly copied from the PCI clock for reduced system cost, or generated asynchronously via an external
oscillator for maximal performance.
The values shown in the following table indicate outbound packet Mbps performance for 3DES, HMAC-SHA1, with new the
Security Association per packet.
Table 2:
Performance Table (Mbits/second)
PCI Clock Frequency
Packet Sizes (Bytes)
64
256
512
1024
2048
33 MHz
28
67
89
104
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com