Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  5802-DS02-R Datasheet HTML 1Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 2Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 3Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 4Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 5Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 6Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 7Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 8Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
PRODUCTION SPECIFICATION
■ BCM5802
5802-DS03-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, California 92619-7013 • Phone: 949-450-8700 •Fax: 949-450-8710
07/03/02
Single-Chip Security Processor
GE NE RAL DE S C RIP T ION
FE A T U R ES
The BCM5802 Security Processor provides industry-
standard IETF IPsec encryption and authentication
acceler a tion as we ll as I K E / SS L/TLS key setup
acceleration. Engine throughput is over 150 Mbps with
3DES strong encryption and MD5/SHA1 authentication
enabled. Sustained in-system performance with all
features enabled ranges up to 100 Mbps for crypto/
authentication acceleration and 30 1024-bit Diffie-Hellman
(180-bit exponent) key setups per second. The BCM5802
is ideal for cost-sensitive devices, including cable modem
access systems, xDSL access systems, T1/T3 line
security, and 10/100 Mbps ethernet interfaces.
The BCM5802 includes a built-in PCI 2.2 compliant
interface for easy hardware interfacing. It requires zero
external support components, enabling tremendous
system cost savings, and it features a streamlined high-
performance programming model for easy software
integration.
•
High-performance,
low-cost
security
processor
integrating full IPsec acceleration
•
Supports DES, 3DES, HMAC-SHA1 and HMAC-MD5
•
100
Mbps
IPsec
(3DES,
SHA1)
in-system
performance, with new Security Association (SA) per
packet
•
Unlimited SA support via system memory
•
Extensive hardware support for IKE/SSL/TLS key
setup acceleration
•
Public key acceleration unit supports over 30
Diffie-Hellman key exchanges per second
•
Compatible with SSH IPsec and IKE software
•
True hardware random number generator
•
Supports multi-packet processing and pre-fetch of
packet data and context
•
Aggressive pre-fetch DMA allows multi-packet, multi-
threaded, DMA processing with single PCI writes
•
Full performance maintained independent of any
reasonable PCI latency
•
PCI 2.2 interface, 32-bit, 33 MHz
•
Low-power 3.3V design in 0.35µ CMOS technology
•
144-pin DQFP package
Functional Block Diagram
PCI
Master/Slave
Interface
32-Bit
25-33 MHz
Master Controller
(DMA, Sequencing)
Public Key
Acceleration
3DES/DES
Encryption
SHA-1/MD5
Authentication
True Random
Number Generator
PCI
Bus


Similar Part No. - 5802-DS02-R

ManufacturerPart #DatasheetDescription
logo
C&K Components
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
logo
3M Electronics
5802 3M-5802 Datasheet
982Kb / 3P
.050 × .100 for .025 Pitch Cable
20-Apr-2011
logo
Kyocera Kinseki Corpota...
5802 KSS-5802 Datasheet
380Kb / 2P
Board to Board Connector
logo
List of Unclassifed Man...
5802 ETC-5802 Datasheet
462Kb / 6P
738A ADEMCO™ INTERFACE
logo
Knowles Electronics
5802 KNOWLES-5802 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - 5802-DS02-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
CD SINGLE-CHIP PROCESSOR
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
Motorola, Inc
MPC185 MOTOROLA-MPC185 Datasheet
227Kb / 12P
Security Processor
logo
Micronas
VDP3108 MICRONAS-VDP3108 Datasheet
2Mb / 61P
Single-Chip Video Processor
logo
Motorola, Inc
MPC180 MOTOROLA-MPC180 Datasheet
30Kb / 8P
MPC180 Security Processor
logo
Mitsubishi Electric Sem...
M658489BFP MITSUBISHI-M658489BFP Datasheet
84Kb / 15P
SINGLE CHIP SURROUND PROCESSOR
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
Single Chip Karaoke Processor
M65849BFP RENESAS-M65849BFP Datasheet
4Mb / 16P
SINGLE CHIP SURROUND PROCESSOR
M65849CFP RENESAS-M65849CFP Datasheet
298Kb / 23P
SINGLE CHIP SURROUND PROCESSOR
logo
Broadcom Corporation.
BCM5812 BOARDCOM-BCM5812 Datasheet
943Kb / 84P
Security Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com