Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 44 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 44 Page - Broadcom Corporation.

Back Button 5802-DS02-R Datasheet HTML 40Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 41Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 42Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 43Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 44Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 45Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 46Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 47Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 48Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 36 BCM5802 Registers
Document
5802-DS03-405-R
PCI Class Code Register: 0x08
31:8
RO
0B4000
Class code value (hard-wired). 0x0B4000 (processor class, coprocessor
subclass).
PCI BIST Register, Cache line, Master Latency, Header: 0x0C
31
RO
0
BIST capable. The BCM5802 is not capable of performing PCI configuration
BIST operation.
30
RW
0
BIST Start. Not supported on BCM5802.
29:28
RO
0
Reserved.
27:24
RO
0
BIST completion code. Not supported on BCM5802.
23:16
RW
0
Header type.
15:0
RW
0
Master latency timer.
7:0
RW
0
Cache line size.
PCI Memory BAR: 0x10
31:0
RW
0xFFFF0000
Memory Base Address Register, 64 KB region, non-prefetchable, relocate in
32-bit space only.
PCI MAX_LAT, MIN_GNT, Interrupt: 0x3C
31:24
RO
0
PCI MAX_LAT parameter.
23:16
RO
0
Length of burst period MIN_GNT.
15:8
RO
0x1
Interrupt pin register.
7:0
RW
0
Interrupt line register.
PCI Retry Timeout, TRDY Timeout: 0x40
15:8
RW
0x80
Number of retries that the PCI interface performs.
7:0
RW
0x80
TRDY timeout value.
Table 27:
PCI Configuration Registers (Cont.)
Bits
Access
Reset
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com