Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS02-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # 5802-DS02-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS02-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button 5802-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 19Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 20Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 21Page - Broadcom Corporation. 5802-DS02-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 10 Hardware Signal Definition Table
Document
5802-DS03-405-R
AD[0]
IO
80 PCI multiplexed address/data bus.
PCI_CLK
I
8 PCI clock, 25-33 MHz.
GNT#
I
17 PCI bus grant allowing the chip to use the bus.
FRAME#
IO
45 PCI frame, indicates the beginning and duration of a master transfer.
IRDY#
IO
46 PCI initiator ready.
TRDY#
IO
47 PCI target ready.
DEVSEL#
IO
49 PCI device select, asserted by an access target.
STOP#
IO
50 PCI stop, requesting that the current master stop an active transfer.
PERR#
IO
53 PCI parity error.
SERR#
IO
54 PCI system error, open drain.
PAR
IO
55 PCI parity.
REQ#
O
19 PCI bus request.
RESET#
I
16 PCI reset, tri-states all PCI outputs.
INT#
O
15 PCI interrupt output, open drain.
IDSEL
I
32 PCI Initialization Device Request, used for PCI configuration cycles.
CBE#[3]
IO
31 PCI command/byte enable, provides PCI bus command and data byte enables.
CBE#[2]
IO
43 PCI command/byte enable, provides PCI bus command and data byte enables.
CBE#[1]
IO
58 PCI command/byte enable, provides PCI bus command and data byte enables.
CBE#[0]
IO
70 PCI command/byte enable, provides PCI bus command and data byte enables.
VCC
I
51 Must be pulled up to VCC (PCI LOCK_).
VCC
Power pins, must be connected to a 3.3V source: 10, 18, 26, 40, 48, 57, 61, 74, 81, 90, 92, 93, 102, 103,
109, 110, 126, 127, 133, 134, 135, 143, 144.
GND
Ground pins: 5, 12, 14, 22, 30, 34, 44, 52, 56, 64, 69, 78, 84, 85, 89, 99, 100, 106, 107, 108, 116, 117,
118, 119, 122, 123, 136, 137, 139, 140.
AVCC1
I
94 Analog VCC for 4x PLL. Connect to 3.3V.
AGND1
I
98 Analog ground for 4x PLL.
AVCC2
I
9 Analog VCC for deskew PLL. Connect to 3.3V.
AGND2
I
7 Analog ground for deskew PLL.
VIO
I
111 PCI clamp voltage bias. Connect to 3.3V for 3.3V signaling environments. Connect to 5V
for 5V signaling environments.
EXPORT
I
138 EXPORT pin (high = 56-bit encryption; low = strong encryption). Internally pulled up.
TEST
I
1 Test pin, internally pulled down, should be grounded for regular operation. When TEST is
high, all outputs are tri-stated.
TRST#
I
131 Internally pulled up. Should be connected to ground for normal operation. Used for
boundary scan JTAG testing.
TMS
I
120 Test mode select for JTAG boundary scan. Internally pulled up. Should be connected to
VCC for normal operation.
TCK
I
6 Test mode clock for JTAG boundary scan. Internally pulled up. Unused in normal
operation; connect to either high or low static level.
Table 3:
PCI Interface Pin Definitions
Name
I/O
Pin # Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com