Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 20Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 21Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 22Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 23Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 24Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 25Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 26Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 27Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 16 Memory Structures
Document
5802-DS03-405-R
IKE/SSL/TLS KEY SETUP PROCESSING DATA STRUCTURE
------------------------------------------------------------------------------------------
/* LITTLE ENDIAN command structures for uBSec Chip */
typedef unsigned char u8; /* 8-bit data type */
typedef unsigned short u16; /* 16-bit data type */
typedef unsigned int u32; /* 32-bit data type */
/* Data Buffer chain entry */
typedef struct DataBufChain_struct {
unsigned char *dataAddr;
struct DataBufChain_struct *next;
u16 dataLength;
u16 reserved;
} DataBufChain;
/* Context buffer */
/* Different algorithms have different command context buffers */
/*Diffie-Hellman Send*/
typedef struct DH_SEND_CtxCmdBuf_struct {
u16 total_command_structure_length;
u16 operation_type; /* Send mode for DH (0x1) */
u16 rng_enable; /* Private key x generated by RNG or provided by SW
rng_enable = 0x0 -> x provided by SW
rng_enable = 0x1 -> x generated by RNG */
u16 private_key_length; /* Private key x length in bits*/
u16 generator_length; /*Generator g length in bits*/
u16 modulus_length; /* Modulus N Length in bits */
u32 N[(modulus_length <= 512)? 16 : (modulus_length <= 768)? 24 : 32]; /* Modulus N
*/
u32 g[(modulus_length <= 512)? 16 : (modulus_length <= 768)? 24 : 32]; /* Generator
g */
/* Private key is stored in the data buffer */
} DH_SEND_CtxCmdBuf;
/*Diffie-Hellman Receive*/
typedef struct DH_REC_CtxCmdBuf_struct {
u16 total_command_structure_length;
u16 operation_type; /* Receive mode for DH (0x2) */
u16 exponent_length; /* Exponent (private key x) length in bits */
u16 modulus_length; /* Modulus N Length in bits */
u32 N[(modulus_length <= 512)? 16 : (modulus_length <= 768)? 24 : 32]; /* Modulus N */
} DH_REC_CtxCmdBuf;
/*Public Key RSA*/
typedef struct Pub_RSA_CtxCmdBuf_struct {
u16 total_command_structure_length;
u16 operation_type; /* Public mode for RSA (0x3) */
u16 exponent_length; /* Exponent E length in bits*/
u16 modulus_length; /* Modulus N Length in bits */
u32 N[modulus_length <= 512)? 16 : (modulus_length <= 768)? 24 : 32]; /*
Modulus N */
u32 E [exponent_length + 31)/32]; /* Exponent E */
} Pub_RSA_CtxCmdBuf:
/*Private Key RSA*/
typedef struct Pri_RSA_CtxCmdBuf_struct {
u16 total_command_structure_length;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com