Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 46 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 46 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 42Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 43Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 44Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 45Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 46Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 47Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 48Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 49Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 50Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 38 BCM5802 Registers
Document
5802-DS03-405-R
24:23
WO
00
RNG_MODE
• 00: 1 bit random number per one slow clock cycle.
• 01: 1 bit random number per four slow clock cycles
• 10: 1 bit random number per eight slow clock cycles
• 11: 1 bit random number per sixteen slow clock cycles
15:0
RSVD
0
Reserved.
DMA Status: 0x08
31
RO
0
Master access in progress. Resets to 0.
30
RO
0
MCR1_FULL flag. Master Command Address register is full. When this flag is 1, the
CPU must not write to the MCR1@register. When this flag is 0, the PCU may write a
value to the MCR1@register to request processing of a master command structure.
Resets to 0.
29
RW
0
MCR1_INTR. Completion interrupt status of per-MCR interrupt for MCR1. Cleared by
writing a 1 to this bit position.
Note: This bit accurately reflects processing status, even if the corresponding
interrupt bit is disabled (in which case a PCI interrupt is not generated).
This bit is sticky until cleared explicitly. Resets to 0.
28
RW
0
DMAERR_INTR. Interrupt status for MCR DMA master access error. Sticky until
software reset (DMA control bit 31 is set to 1) or hardware reset. This bit accurately
reflects status even if the corresponding interrupt enable bit is off (in which case a PCI
interrupt is not generated). Resets to 0.
27
RO
0
MCR2_FULL flag. Master Command Address register is full. When this flag is 1, the
CPU must not write to the MCR2@ register. When this flag is 0, the CPU may write a
value to the MCR2@ register to request processing of a master command structure.
Resets to 0.
26
RW
0
MCR2_INTR. Completion interrupt status of per-MCR interrupt for MCR2. Cleared by
writing a 1 to this bit position.
Note: This bit accurately reflects processing status (in which case a PCI interrupt is
not generated).
This bit is sticky until cleared explicitly. Resets to 0.
DMA Error Address: 0x0C
31:2
RO
X
Address of master access that resulted in a PCI fault (32b word address). Reset state
unknown.
1
RO
X
1 = faulted master access was a read, 0 = was a write. Reset state unknown.
DMA Master Command Record 2@: 0x10
31:0
RW
X
Writing the address of a valid Master Command Record to this register causes key
setup processing of the data within that record to begin. This register must only be
written when the MCR_FULL bit of the DMA Status register is 0. This register is double
buffered, such that the MCR_FULL bit goes to zero very quickly after an initial write to
this register. This allows the CPU to write a second MCR address value to this register,
effectively queuing up to MCR structures for back-to-back processing with zero latency.
Reset state is unknown. Do not write if PCI master mode is disabled.
Table 29:
DMA Control and Status Registers (Cont.)
Bits
Access
Reset
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com