Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 32 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 32 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 28Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 29Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 30Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 31Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 32Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 33Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 34Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 35Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 36Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 24 Memory Structures
Document
5802-DS03-405-R
Context Buffer. This structure defines DH/RSA/DSA processing to be applied on a per key setup basis.
Table 9:
Diffie-Hellman Public Key Generation (X = gx mod N) Command Context
Table 10:
Diffie-Hellman Shared Secret Generation (K=Yx mod N) Command Context
MSB
LSB
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15
14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Operation Type
Diffie-Hellman Public Key Operation
(0x01)
Total Command Context Structure Length
Random Number x Length
x provided by SW/x generated by RNG
Modulus N Length
Base g Length
Modulus N (512, 768, 1024 bits, lowest word)
Modulus N (512, 768, 1024 bits, 2nd lowest word)
……
Modulus N (512, 768, 1024 bits, highest word)
Base g (512, 768, 1024 bits, lowest word of key)
Base g (512, 768, 1024 bits, 2nd lowest word of key)
……
Base g (512, 768, 1024 bits, highest word of key)
MSB
LSB
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15
14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Operation Type
Diffie-Hellman Shared Secret
Generation Operation (0x02)
Total Command Context Structure Length
Modulus N Length
Exponent (private key) x Length
Modulus N (512, 768, 1024 bits, lowest word)
Modulus N (512, 768, 1024 bits, 2nd lowest word)
……
Modulus N (512, 768, 1024 bits, highest word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com