Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 42 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 42 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 38Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 39Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 40Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 41Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 42Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 43Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 44Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 45Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 46Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 34 BCM5802 Registers
Document
5802-DS03-405-R
BCM5802 REGISTERS
The BCM5802 registers are divided into two categories.
1
PCI configuration registers implement control and status information that is specific to the PCI bus, as well as registers
required by the PCI specification revision 2.2.
2
DMA control and status registers correspond to master command, data and packet context fetch and write back
operations.
Unused bits read as an unknown value which could be zero or one, and should be masked off prior to further processing.
Unused bits should be written as zeroes. The following mnemonics are used to describe the types of access allowed for
each register bit:
•
RW: bit is read/write
•
WO: bit is write only
•
RO: read only bit (i.e. status flag)
•
RSVD: reserved bit, ignore upon read, write 0s upon write
A value of X upon reset means that the state of the register is undefined and should not be relied upon after a reset occurs.
PCI CONFIGURATION REGISTERS
The BCM5802 provides PCI 2.2-compliant configuration space registers as follows. In addition, the BCM5802 uses PCI
Memory BAR0 for all slave control and status registers. The registers use a total memory space of 64 KB in one memory
BAR region. This region is non-pre-fetchable, and must be relocated only in 32-bit space.
Configuration registers not shown in the table below are reserved.
Table 26:
PCI 2.2-Compliant Configuration Space Registers
ADDR
31
Bits
16
15
Bits
00
0x00
Device ID
Vendor ID
0x04
Status
Command
0x08
Class code
Rev ID
0x0C
BIST
Header Type
Master Latency Timer
Cache line Size
0x10
Memory BAR0
0x2C
Subsystem ID
Subsystem Vendor ID
0x3C
MAX_LAT
MIN_GNT
Interrupt Pin
Interrupt Line
0x40
Reserved
Retry Timeout
TRDY Timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com