Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 34Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 35Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 36Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 37Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 38Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 39Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 40Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 41Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
■ BCM5802
Production Specification
07/03/02
B roa dcom Co rpo rat ion
Page 30 Memory Structures
Document
5802-DS03-405-R
The Operation Type bits must be set as follows:
•
0x01 – Diffie-Hellman public key generation operation
•
0x02 – Diffie-Hellman shared secret generation operation
•
0x03 – RSA public key operation
•
0x04 – RSA private key operation (RSA operation with Chinese Remainder Theory)
•
0x05 – DSA signing operation
•
0x06 – DSA verification operation
•
0x41 – RNG direct test mode
•
0x42 – RNG-SHA1 test mode
•
0x43 – Modular Addition
•
0x44 – Modular Subtraction
•
0x45 – Modular Multiplication
•
0x46 – Modular Reduction (Remainder)
•
0x47 – Modular Exponentiation
•
0x48 – Modular Inverse
•
Other values – Reserved for future use
The number of entries a command context has depends on Operation Type and number of bits used for the operation. The
total_command__context_length field provides the total number of bytes required for the command context structure for a
given key setup or an atomic arithmetic operation. Since the minimum number of bytes required for a PCI access is 64 bytes,
the field should have 64 bytes for the RNG test modes.
For DH public key generation and DSA signing operation, either the on-chip Random Number Generator can be used to
generate x for DH and k for DSA or else the values can be obtained from the software. If they are generated by RNG, the
Provided/RNG Generated (RNG Enable) bits in command context are set to one. Otherwise, they are set to 0. If they are
provided by the application software, then they are stored in data buffers. The chip retrieves them during processing of MCR
structure.
For DSA signing and verification operations, message hash can either be provided by software (CPU does the hashing) or
be performed by SHA1 unit on the chip. If hash is done by SHA1, the Message Hash Provided/Generated (SHA1 Enable)
bits are set to one. Otherwise, they are set to zero. Either the message or the message hash is stored in the input data buffer.
The chip retrieves them during MCR structure processing.
For DH send mode, both public key and private key are generated and stored in the output data buffers in a linked list fashion.
For DH receive mode, both public key and private key are provided for shared secret computation and stored in the input
data buffers in a linked list fashion.
For DSA signing mode, both r and s are generated and stored in output data buffers in a linked list fashion.
For DSA verification mode, both r and s are provided by application and stored in input data buffers in a linked list fashion.
For RNG bypass and RNG-SHA1 modes, there is no input data buffer required and one output data buffer containing the
random numbers. The length of the data buffer is contained in the output buffer length field in MCR.
For atomic operations ModAdd, ModSub, ModMul, ModRem, ModExp, and ModInv, the modulus is passed to the chip via
command context structure and other operands are stored in the input data buffers in a linked list fashion. In typical
applications, modulus does not change for each operation. For ModInv, a modular inverse operation was converted to a
modular exponentiation operation. Because of that, (N-2) is stored where N is the modulus, in the command context.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com