Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 13Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 14Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 15Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 16Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 17Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 18Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 19Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 20Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 21Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Hardware Signal Definition Table
Page 9
Secti o n 3 : H ard w are Si gnal Defi niti on Ta bl e
The BCM5802 is housed within a 144-pin DQFP package with a 28 mm x 28 mm body size. The pin definitions are shown
in the following table.
Table 3:
PCI Interface Pin Definitions
Name
I/O
Pin # Description
AD[31]
IO
20 PCI multiplexed address/data bus.
AD[30]
IO
21 PCI multiplexed address/data bus.
AD[29]
IO
23 PCI multiplexed address/data bus.
AD[28]
IO
24 PCI multiplexed address/data bus.
AD[27]
IO
25 PCI multiplexed address/data bus.
AD[26]
IO
27 PCI multiplexed address/data bus.
AD[25]
IO
28 PCI multiplexed address/data bus.
AD[24]
IO
29 PCI multiplexed address/data bus.
AD[23]
IO
33 PCI multiplexed address/data bus.
AD[22]
IO
35 PCI multiplexed address/data bus.
AD[21]
IO
36 PCI multiplexed address/data bus.
AD[20]
IO
37 PCI multiplexed address/data bus.
AD[19]
IO
38 PCI multiplexed address/data bus.
AD[18]
IO
39 PCI multiplexed address/data bus.
AD[17]
IO
41 PCI multiplexed address/data bus.
AD[16]
IO
42 PCI multiplexed address/data bus.
AD[15]
IO
59 PCI multiplexed address/data bus.
AD[14]
IO
60 PCI multiplexed address/data bus.
AD[13]
IO
62 PCI multiplexed address/data bus.
AD[12]
IO
63 PCI multiplexed address/data bus.
AD[11]
IO
65 PCI multiplexed address/data bus.
AD[10]
IO
66 PCI multiplexed address/data bus.
AD[9]
IO
67 PCI multiplexed address/data bus.
AD[8]
IO
68 PCI multiplexed address/data bus.
AD[7]
IO
71 PCI multiplexed address/data bus.
AD[6]
IO
72 PCI multiplexed address/data bus.
AD[5]
IO
73 PCI multiplexed address/data bus.
AD[4]
IO
75 PCI multiplexed address/data bus.
AD[3]
IO
76 PCI multiplexed address/data bus.
AD[2]
IO
77 PCI multiplexed address/data bus.
AD[1]
IO
79 PCI multiplexed address/data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com