Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5802-DS03-R Datasheet(PDF) 37 Page - Broadcom Corporation.

Part # 5802-DS03-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS03-R Datasheet(HTML) 37 Page - Broadcom Corporation.

Back Button 5802-DS03-R Datasheet HTML 33Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 34Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 35Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 36Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 37Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 38Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 39Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 40Page - Broadcom Corporation. 5802-DS03-R Datasheet HTML 41Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Memory Structures
Page 29
Table 20:
ModRem Command Context (C = M mod N)
Table 21:
ModExp Command Context (C = ME mod N)
Table 22:
ModInv Command Context (C = M-1 mod N = MN-2 mod N)
The selection of IPsec crypto/authentication operation versus IPsec key setup operation can be made on a per MCR basis.
Within one MCR, no mix of crypto/authentication and IPsec key setup operations is allowed. The mode the current MCR
operates on is determined by which DMA register the MCR address is written into. If it is written into the first DMA register
(Master Command Record 1), then the chip performs crypto/authentication operations. If it is written into the fifth DMA
register (Master Command Record 2), then the chip performs key setup operations.
MSB
LSB
31 30
29 28
27
26
25 24 23
22 21
20 19
18 17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Operation Type
Modular Reduction Operation(0x46)
Total Command Context Structure Length
Modulus N Length
Message M Length
Modulus N (512, 768, 1024 bits, lowest word)
Modulus N (512, 768, 1024 bits, 2nd lowest word)
……
Modulus N (512, 768, 1024 bits, highest word)
MSB
LSB
31 30 29 28 27 26 25 24 23
22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Operation Type
Modular Exponentiation Operation(0x47)
Total Command Context Structure Length
Modulus N Length
Exponent E Length
Modulus N (512, 768, 1024 bits, lowest word)
Modulus N (512, 768, 1024 bits, 2nd lowest word)
……
Modulus N (512, 768, 1024 bits, highest word)
MSB
LSB
31
30 29
28
27
26 25 24 23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8765
4321
0
Operation Type
Modular Inverse Operation(0x48)
Total Command Context Structure Length
Modulus N Length
Reserved
Modulus N (512, 768, 1024 bits, lowest word)
Modulus N (512, 768, 1024 bits, 2nd lowest word)
……
Modulus N (512, 768, 1024 bits, highest word)
Exponent N-2 (512, 768, 1024 bits, lowest word)
Exponent N-2 (512, 768, 1024 bits, 2nd lowest word)
……
Exponent N-2 (512, 768, 1024 bits, highest word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com