Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 22 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 18Page - Intel Corporation 28F032B3 Datasheet HTML 19Page - Intel Corporation 28F032B3 Datasheet HTML 20Page - Intel Corporation 28F032B3 Datasheet HTML 21Page - Intel Corporation 28F032B3 Datasheet HTML 22Page - Intel Corporation 28F032B3 Datasheet HTML 23Page - Intel Corporation 28F032B3 Datasheet HTML 24Page - Intel Corporation 28F032B3 Datasheet HTML 25Page - Intel Corporation 28F032B3 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
22
PRELIMINARY
After any program or block erase operation is
complete (even after VPP transitions down to
VPPLK), the CUI must be reset to read array mode
via the Read Array command if access to the flash
memory array is desired.
3.7
Power Supply Decoupling
Flash memory’s power switching characteristics
require
careful
device
decoupling.
System
designers should consider three supply current
issues:
1.
Standby current levels (ICCS)
2.
Read current levels (ICCR)
3.
Transient peaks produced by falling and rising
edges of CE#.
Transient current magnitudes depend on the device
outputs’ capacitive and inductive loading. Two-line
control and proper decoupling capacitor selection
will suppress these transient voltage peaks. Each
flash device should have a 0.1 µF ceramic
capacitor connected between each VCC and GND,
and between its VPP and GND. These high-
frequency,
inherently
low-inductance
capacitors
should be placed as close as possible to the
package leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com