Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 31Page - Intel Corporation 28F032B3 Datasheet HTML 32Page - Intel Corporation 28F032B3 Datasheet HTML 33Page - Intel Corporation 28F032B3 Datasheet HTML 34Page - Intel Corporation 28F032B3 Datasheet HTML 35Page - Intel Corporation 28F032B3 Datasheet HTML 36Page - Intel Corporation 28F032B3 Datasheet HTML 37Page - Intel Corporation 28F032B3 Datasheet HTML 38Page - Intel Corporation 28F032B3 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
35
PRELIMINARY
Ordering Information Valid Combinations
40-Lead TSOP
48-Ball µBGA*
CSP(1)
48-Lead TSOP
48-Ball µBGA CSP
Ext. Temp.
GT28F032B3TA95
TE28F320B3TA95
GT28F320B3TA95
32 M
GT28F032B3BA95
TE28F320B3BA95
GT28F320B3BA95
GT28F032B3TA115
TE28F320B3TA115
GT28F320B3TA115
GT28F032B3BA115
TE28F320B3BA115
GT28F320B3BA115
Ext. Temp.
TE28F016B3TA90(2)
GT28F016B3TA90(2)
TE28F160B3TA90(2)
GT28F160B3TA90(2)
16 M
TE28F016B3BA90(2)
GT28F016B3BA90(2)
TE28F160B3BA90(2)
GT28F160B3BA90(2)
TE28F016B3TA110(2)
GT28F016B3TA110(2)
TE28F160B3TA110(2)
GT28F160B3TA110(2)
TE28F016B3BA110(2)
GT28F016B3BA110(2)
TE28F160B3BA110(2)
GT28F160B3BA110(2)
Ext. Temp.
TE28F008B3TA90(2)
GT28F008B3T90
TE28F800B3TA90(2)
GT28F800B3T90
8 M
TE28F008B3BA90(2)
GT28F008B3B90
TE28F800B3BA90(2)
GT28F800B3B90
TE28F008B3TA110(2)
GT28F008B3T110
TE28F800B3TA110(2)
GT28F800B3T110
TE28F008B3BA110(2)
GT28F008B3B110
TE28F800B3BA110(2)
GT28F800B3B110
Ext. Temp
TE28F400B3T110
4 M
TE28F400B3B110
NOTES:
1.
The 48-ball µBGA package top side mark reads F160B3 [or F800B3]. This mark is identical for both x8 and x16 products.
All product shipping boxes or trays provide the correct information regarding bus architecture. However, once the devices
are removed from the shipping media, it may be difficult to differentiate based on the top side mark. The device identifier
(accessible through the Device ID command: see Section 3.2.2 for further details) enables x8 and x16 µBGA package
product differentiation.
2.
The second line of the 48-ball µBGA package top side mark specifies assembly codes. For samples only, the first
character signifies either “E” for engineering samples or “S” for silicon daisy chain samples. All other assembly codes
without an “E” or “S” as the first character are production units.
3.
Product can be ordered in either 0.25 µm or 0.4 µm material. The“A” before the access speed specifies 0.25 µm material.
4.
For new designs, Intel recommends using 0.25 µm Advanced Boot Block devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com