Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 38 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 38 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 34Page - Intel Corporation 28F032B3 Datasheet HTML 35Page - Intel Corporation 28F032B3 Datasheet HTML 36Page - Intel Corporation 28F032B3 Datasheet HTML 37Page - Intel Corporation 28F032B3 Datasheet HTML 38Page - Intel Corporation 28F032B3 Datasheet HTML 39Page - Intel Corporation 28F032B3 Datasheet HTML 40Page - Intel Corporation 28F032B3 Datasheet HTML 41Page - Intel Corporation 28F032B3 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
38
PRELIMINARY
APPENDIX B
ACCESS TIME VS. CAPACITIVE LOAD
(tAVQV vs. CL)
Access Time vs. Load Capacitance
75
79
83
87
91
95
99
30
40
50
60
70
80
90
100
Load Capacitance (pF)
VCCQ = 2.7V
VCCQ = 3.0V
This chart shows a derating curve for device access time with respect to capacitive load. The value in the
DC Characteristics section of the specification corresponds to CL = 50 pF.
NOTE:
Sampled, but not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com