Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 45 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 40Page - Intel Corporation 28F032B3 Datasheet HTML 41Page - Intel Corporation 28F032B3 Datasheet HTML 42Page - Intel Corporation 28F032B3 Datasheet HTML 43Page - Intel Corporation 28F032B3 Datasheet HTML 44Page - Intel Corporation 28F032B3 Datasheet HTML 45Page - Intel Corporation 28F032B3 Datasheet HTML 46Page - Intel Corporation 28F032B3 Datasheet HTML 47Page - Intel Corporation 28F032B3 Datasheet HTML 48Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
45
PRELIMINARY
APPENDIX F
PROGRAM AND ERASE FLOWCHARTS
Start
Write 40H
Program Address/Data
Read Status Register
SR.7 = 1?
Full Status
Check if Desired
Program Complete
Read Status Register
Data (See Above)
V
PP Range Error
Programming Error
Attempted Program to
Locked Block - Aborted
Program Successful
SR.3 =
SR.4 =
SR.1 =
FULL STATUS CHECK PROCEDURE
Bus Operation
Write
Write
Standby
Repeat for subsequent programming operations.
SR Full Status Check can be done after each program or after a sequence of
program operations.
Write FFH after the last program operation to reset device to read array mode.
Bus Operation
Standby
Standby
SR.3 MUST be cleared, if set during a program attempt, before further
attempts are allowed by the Write State Machine.
SR.1, SR.3 and SR.4 are only cleared by the Clear Staus Register Command,
in cases where multiple bytes are programmed before full status is checked.
If an error is detected, clear the status register before attempting retry or other
error recovery.
No
Yes
1
0
1
0
1
0
Command
Program Setup
Program
Comments
Data = 40H
Data = Data to Program
Addr = Location to Program
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
Check SR.3
1 = V
PP Low Detect
Check SR.1
1 = Attempted Program to
Locked Block - Program
Aborted
Read
Status Register Data Toggle
CE# or OE# to Update Status
Register Data
Standby
Check SR.4
1 = V
PP Program Error
0580_E1
Figure 10. Program Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com