Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 25 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 21Page - Intel Corporation 28F032B3 Datasheet HTML 22Page - Intel Corporation 28F032B3 Datasheet HTML 23Page - Intel Corporation 28F032B3 Datasheet HTML 24Page - Intel Corporation 28F032B3 Datasheet HTML 25Page - Intel Corporation 28F032B3 Datasheet HTML 26Page - Intel Corporation 28F032B3 Datasheet HTML 27Page - Intel Corporation 28F032B3 Datasheet HTML 28Page - Intel Corporation 28F032B3 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
25
PRELIMINARY
4.4
DC Characteristics(1)
VCC
2.7 V–3.6 V 2.7 V–2.85 V 2.7 V–3.3 V
VCCQ
2.7 V–3.6 V 1.65 V–2.5 V 1.8 V–2.5 V
Sym
Parameter
Note Typ
Max
Typ
Max
Typ
Max
Unit
Test Conditions
ILI
Input Load Current
6
± 1
± 1
± 1
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
ILO
Output Leakage
Current
6
± 10
± 10
± 10 µA V
CC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
ICCS
VCC Standby Current
6
18
35
20
50
150
250
µA
VCC = VCCMax
CE# = RP# = VCC
or during Program/
Erase Suspend
ICCD
VCC Power-Down
Current
6
7
20
7
20
7
20
µA
VCC = VCCMax
VCCQ = VCCQMax
VIN = VCCQ or GND
RP# = GND ± 0.2 V
ICCR
VCC Read Current
4,6
10
18
8
15
9
15
mA
VCC = VCCMax
VCCQ = VCCQMax
OE# = VIH , CE# =VIL
f = 5 MHz, IOUT=0mA
Inputs = VIL or VIH
IPPD
VPP Deep Power-
Down Current
0.2
5
0.2
5
0.2
5
µA
RP# = GND ± 0.2 V
VPP ≤ VCC
IPPR
VPP Read Current
2
±15
2
±15
2
±15
µA
VPP ≤ VCC
3
50
200
50
200
50
200
µA
VPP > VCC
ICCW+
IPPW
VCC + VPP Program
Current
3,6
18
55
18
55
18
55
mA
VPP =VPP1, 2, 3
Program in Progress
10
30
10
30
10
30
mA
VPP = VPP4
Program in Progress
ICCE +
IPPE
VCC + VPP Erase
Current
3,6
20
45
21
45
21
45
mA
VPP = VPP1, 2, 3
Program in Progress
16
45
16
45
16
45
mA
VPP = VPP4
Program in Progress
IPPES
IPPWS
VPP Erase Suspend
Current
3
50
200
50
200
50
200
µA
VPP = VPP1, 2, 3, 4
Program or Erase
Suspend in Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com