Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 27 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 23Page - Intel Corporation 28F032B3 Datasheet HTML 24Page - Intel Corporation 28F032B3 Datasheet HTML 25Page - Intel Corporation 28F032B3 Datasheet HTML 26Page - Intel Corporation 28F032B3 Datasheet HTML 27Page - Intel Corporation 28F032B3 Datasheet HTML 28Page - Intel Corporation 28F032B3 Datasheet HTML 29Page - Intel Corporation 28F032B3 Datasheet HTML 30Page - Intel Corporation 28F032B3 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
27
PRELIMINARY
TEST POINTS
INPUT
OUTPUT
V
CCQ
0.0
V
CCQ
2
V
CCQ
2
0580_05
NOTE:
AC test inputs are driven at VCCQ for a logic “1” and 0.0V for a logic “0.” Input timing begins, and output timing ends, at VCCQ/2.
Input rise and fall times (10%–90%) <10 ns. Worst case speed conditions are when VCCQ = VCCQMin.
Figure 5. Input Range and Measurement Points
C
L
Out
V
CCQ
Device
under
Test
R
1
R
2
0580_06
NOTE:
See table for component values.
Figure 6. Test Configuration
Test Configuration Component Values for Worst
Case Speed Conditions
Test Configuration
CL (pF)
R1 (
Ω)R2 (Ω)
VCCQ1 Standard Test
50
25 K
25 K
VCCQ2 Standard Test
50
16.7 K
16.7 K
NOTE:
CL includes jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com