Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F032B3 Datasheet(PDF) 23 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 19Page - Intel Corporation 28F032B3 Datasheet HTML 20Page - Intel Corporation 28F032B3 Datasheet HTML 21Page - Intel Corporation 28F032B3 Datasheet HTML 22Page - Intel Corporation 28F032B3 Datasheet HTML 23Page - Intel Corporation 28F032B3 Datasheet HTML 24Page - Intel Corporation 28F032B3 Datasheet HTML 25Page - Intel Corporation 28F032B3 Datasheet HTML 26Page - Intel Corporation 28F032B3 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
23
PRELIMINARY
4.0
ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings*
Extended Operating Temperature
During Read .......................... –40 °C to +85 °C
During Block Erase
and Program.......................... –40 °C to +85 °C
Temperature Under Bias ....... –40 °C to +85 °C
Storage Temperature................. –65 °C to +125 °C
Voltage on Any Pin
(except VCC, VCCQ and VPP)
with Respect to GND ............. –0.5 V to 3.7 V(1)
VPP Voltage (for Block
Erase and Program)
with Respect to GND ..... –0.5 V to +13.5 V(1,2,4)
VCC and VCCQ Supply Voltage
with Respect to GND ........... –0.2 V to +3.7 V(5)
Output Short Circuit Current.....................100 mA(3)
NOTICE: This datasheet contains preliminary information on
new products in production. Do not finalize a design with
this information. Revised information will be published when
the product is available. Verify with your local Intel Sales
office that you have the latest datasheet before finalizing a
design.
* WARNING: Stressing the device beyond the "Absolute
Maximum Ratings" may cause permanent damage. These
are stress ratings only. Operation beyond the "Operating
Conditions" is not recommended and extended exposure
beyond the "Operating Conditions" may effect device
reliability.
NOTES:
1.
Minimum DC voltage is –0.5 V on input/output pins, with allowable undershoot to –2.0 V for periods < 20 ns. Maximum DC
voltage on input/output pins is V
CC + 0.5 V, with allowable overshoot to VCC + 1.5 V for periods < 20 ns.
2.
Maximum DC voltage on V
PP may overshoot to +14.0 V for periods < 20 ns.
3.
Output shorted for no more than one second. No more than one output shorted at a time.
4.
VPP Program voltage is normally 2.7 V–3.6 V.
5.
Minimum DC voltage is –0.5 V on VCC and VCCQ, with allowable undershoot to –2.0 V for periods < 20 ns. Maximum DC
voltage on VCC and VCCQ pins is VCC + 0.5 V, with allowable overshoot to VCC + 1.5 V for periods < 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com