Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 1 Page - Cree, Inc

  XP-G Datasheet HTML 1Page - Cree, Inc XP-G Datasheet HTML 2Page - Cree, Inc XP-G Datasheet HTML 3Page - Cree, Inc XP-G Datasheet HTML 4Page - Cree, Inc XP-G Datasheet HTML 5Page - Cree, Inc XP-G Datasheet HTML 6Page - Cree, Inc XP-G Datasheet HTML 7Page - Cree, Inc XP-G Datasheet HTML 8Page - Cree, Inc XP-G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Product family data sheet
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks,
product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship
or association.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-G LEDs
ProDuCt DEsCriPtion
The XLamp® XP-G LeD delivers
unprecedented levels of light output
and efficacy for a single die LED. The
XLamp XP-G LeD continues Cree’s
history of innovation in LEDs for lighting
applications with wide viewing angle,
symmetrical package, unlimited floor life
and electrically neutral thermal path.
XLamp XP-G LeDs are the ideal choice
for lighting applications where high
light output and maximum efficacy are
required, such as LeD light bulbs, outdoor
lighting, portable lighting, indoor lighting
and solar-powered lighting.
FEAturEs
• Available in white, outdoor white and
80-CRI, 85-CRI and 90-CRI white
• ANSI-compatible chromaticity bins
• Maximum drive current: 1500 mA
• Low thermal resistance: 4 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• Electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics ....................................3
Relative Spectral Power Distribution .........7
Relative Flux vs. Junction Temperature.....7
electrical Characteristics............................8
Relative Flux vs. Current .............................8
Relative Chromaticity vs Current and
Temperature ................................................9
Typical Spatial Distribution...................... 10
Thermal Design........................................ 10
Performance Groups – Luminous Flux... 11
Performance Groups – Chromaticity...... 12
Cree’s Standard Chromaticity Regions
Plotted on the 1931 CIE Curve ................ 15
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 17
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 18
Cree’s Standard Chromaticity Kits .......... 20
Bin and Order Code Formats................... 21
Reflow Soldering Characteristics............ 22
Notes ........................................................ 23
Mechanical Dimensions .......................... 25
Tape and Reel........................................... 27
Packaging................................................. 28


Similar Part No. - XP-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XP-G-WHITE MARKTECH-XP-G-WHITE Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Comchip Technology
XP-G-WHITE COMCHIP-XP-G-WHITE Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
XP-G-WHITE COMCHIP-XP-G-WHITE_15 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
logo
Cree LED
XP-G2 CREELED-XP-G2 Datasheet
2Mb / 39P
Cree® XLamp® XP-G2 LEDs
REV 15
More results

Similar Description - XP-G

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
C9WT821 SEOUL-C9WT821 Datasheet
1Mb / 16P
White & Warm colored SMT package High CRI PKG
logo
Everlight Electronics C...
EHP-B05MLG EVERLIGHT-EHP-B05MLG Datasheet
1Mb / 26P
CRI 75 White LED
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
Rev 3
MLEAWT-A1-0000-000451 CREE-MLEAWT-A1-0000-000451 Datasheet
1Mb / 26P
Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
Rev 10
logo
Seoul Semiconductor
STW9C2SB SEOUL-STW9C2SB Datasheet
1Mb / 31P
High Color Quality with CRI Min.90
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
Available in Color, White
logo
Seoul Semiconductor
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
High Color Quality, CRI Min. 80
logo
Cree, Inc
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
Available in outdoor white and 70-, 80- and 90-CRI white
Rev 0E
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
White ??high CRI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com