Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 6 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 6 Page - Cree, Inc

Back Button XP-G Datasheet HTML 2Page - Cree, Inc XP-G Datasheet HTML 3Page - Cree, Inc XP-G Datasheet HTML 4Page - Cree, Inc XP-G Datasheet HTML 5Page - Cree, Inc XP-G Datasheet HTML 6Page - Cree, Inc XP-G Datasheet HTML 7Page - Cree, Inc XP-G Datasheet HTML 8Page - Cree, Inc XP-G Datasheet HTML 9Page - Cree, Inc XP-G Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or
vendor endorsement, sponsorship or association.
6
XLamp® Xp-G LED
Chromaticity
Minimum
Luminous
Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux
(lm)
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 Cri Minimum
90 CRI Minimum
F8
2850 K
Q5
107
XPGWHT-L1-0000-00DF8
Q4
100
XPGWHT-L1-0000-00CF8
XPGWHT-H1-0000-00CF8
Q3
93.9
XPGWHT-L1-0000-00BF8
XPGWHT-H1-0000-00BF8
Q2
87.4
XPGWHT-L1-0000-00AF8
XPGWHT-H1-0000-00AF8
XPGWHT-P1-0000-00AF8
P4
80.6
XPGWHT-P1-0000-009F8
XPGWHT-U1-0000-009F8
P3
73.9
XPGWHT-P1-0000-008F8
XPGWHT-U1-0000-008F8
P2
67.2
XPGWHT-P1-0000-007F8
XPGWHT-U1-0000-007F8
e8
2700 K
Q5
107
XPGWHT-L1-0000-00DE8
Q4
100
XPGWHT-L1-0000-00CE8
XPGWHT-H1-0000-00CE8
Q3
93.9
XPGWHT-L1-0000-00BE8
XPGWHT-H1-0000-00BE8
Q2
87.4
XPGWHT-L1-0000-00AE8
XPGWHT-H1-0000-00AE8 XPGWHT-P1-0000-00AE8
P4
80.6
XPGWHT-P1-0000-009E8
XPGWHT-U1-0000-009E8
P3
73.9
XPGWHT-P1-0000-008E8
XPGWHT-U1-0000-008E8
P2
67.2
XPGWHT-P1-0000-007E8
XPGWHT-U1-0000-007E8
Z8
2700 K
Q4
100
XPGWHT-L1-0000-00CZ8
XPGWHT-H1-0000-00CZ8
Q3
93.9
XPGWHT-L1-0000-00BZ8
XPGWHT-H1-0000-00BZ8
Q2
87.4
XPGWHT-L1-0000-00AZ8
XPGWHT-H1-0000-00AZ8
P4
80.6
XPGWHT-P1-0000-009Z8
P3
73.9
XPGWHT-P1-0000-008Z8
XPGWHT-U1-0000-008Z8
P2
67.2
XPGWHT-P1-0000-007Z8
XPGWHT-U1-0000-007Z8
FLuX ChArACtEristiCs - ContinuED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 23).
Cree XLamp XP-G LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com