Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 26 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 26 Page - Cree, Inc

Back Button XP-G Datasheet HTML 20Page - Cree, Inc XP-G Datasheet HTML 21Page - Cree, Inc XP-G Datasheet HTML 22Page - Cree, Inc XP-G Datasheet HTML 23Page - Cree, Inc XP-G Datasheet HTML 24Page - Cree, Inc XP-G Datasheet HTML 25Page - Cree, Inc XP-G Datasheet HTML 26Page - Cree, Inc XP-G Datasheet HTML 27Page - Cree, Inc XP-G Datasheet HTML 28Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or
vendor endorsement, sponsorship or association.
26
XLamp® Xp-G LED
MEChAniCAL DiMEnsions (t
A = 25 °C) - ConTInued
All measurements are ±.13 mm unless otherwise indicated.
Notes:
Cree recommends using thermal pad kickouts to maximize component thermal performance.
Cree recommends using white solder mask material to minimize system optical loss.
*
This stencil has been tested and optimized for the avoidance of voiding when using ALPHA® LUMeT® P30 Maxrel solder paste. For
other solder pastes, a “window pane” design for the thermal pad stencil may result in a lower voiding percentage. Contact your local
Cree Field Applications Engineer for consultation regarding your specific application.
recommended solder Pad
(solder Mask pattern)
recommended stencil openings*
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
3.30 REF.
3.30 REF.
3.50
.70
.30
1.50
.30
3.50
3.30
.50
.50
1.30
.50
3.30
.90
.25
.90
.25
3.20
.40
.72
.96
.72
3.20
1
/
1
22.000
D
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED SOLDER PAD
(SOLDER RESIST PATTERN)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
RECOMMENDED COPPER LAYOUT
RECOMMENDED STENCIL OPENINGS
OPTICAL
REFERENCE
recommended Copper Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com