Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 4 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 4 Page - Cree, Inc

  XP-G Datasheet HTML 1Page - Cree, Inc XP-G Datasheet HTML 2Page - Cree, Inc XP-G Datasheet HTML 3Page - Cree, Inc XP-G Datasheet HTML 4Page - Cree, Inc XP-G Datasheet HTML 5Page - Cree, Inc XP-G Datasheet HTML 6Page - Cree, Inc XP-G Datasheet HTML 7Page - Cree, Inc XP-G Datasheet HTML 8Page - Cree, Inc XP-G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or
vendor endorsement, sponsorship or association.
4
XLamp® Xp-G LED
FLuX ChArACtEristiCs - ContinuED
Chromaticity
Minimum Luminous
Flux (lm) @ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
70 CRI Typical
75 Cri typical
80 CRI Minimum
E3
5000 K
R5
139
XPGWHT-01-0000-00HE3
R4
130
XPGWHT-01-0000-00GE3
R3
122
XPGWHT-01-0000-00FE3
XPGWHT-L1-0000-00FE3
R2
114
XPGWHT-01-0000-00EE3
XPGWHT-L1-0000-00EE3
Q5
107
XPGWHT-L1-0000-00DE3
F4
4750 K
R5
139
XPGWHT-01-0000-00HF4
R4
130
XPGWHT-01-0000-00GF4
R3
122
XPGWHT-01-0000-00FF4
XPGWHT-L1-0000-00FF4
R2
114
XPGWHT-01-0000-00EF4
XPGWHT-L1-0000-00EF4
Q5
107
XPGWHT-L1-0000-00DF4
e4
4500 K
R5
139
XPGWHT-01-0000-00HE4
R4
130
XPGWHT-01-0000-00GE4
R3
122
XPGWHT-01-0000-00FE4
XPGWHT-L1-0000-00FE4
R2
114
XPGWHT-01-0000-00EE4
XPGWHT-L1-0000-00EE4
Q5
107
XPGWHT-L1-0000-00DE4
F5
4250 K
R4
130
XPGWHT-01-0000-00GF5
R3
122
XPGWHT-01-0000-00FF5
XPGWHT-L1-0000-00FF5
R2
114
XPGWHT-01-0000-00EF5
XPGWHT-L1-0000-00EF5
Q5
107
XPGWHT-L1-0000-00DF5
e5
4000 K
R4
130
XPGWHT-01-0000-00GE5
R3
122
XPGWHT-01-0000-00FE5
XPGWHT-L1-0000-00FE5
R2
114
XPGWHT-01-0000-00EE5
XPGWHT-L1-0000-00EE5
XPGWHT-H1-0000-00EE5
Q5
107
XPGWHT-L1-0000-00DE5
XPGWHT-H1-0000-00DE5
Z5
4000 K
R2
114
XPGWHT-L1-0000-00EZ5
XPGWHT-H1-0000-00EZ5
Q5
107
XPGWHT-L1-0000-00DZ5
XPGWHT-H1-0000-00DZ5
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 23).
Cree XLamp XP-G LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com