Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 3 Page - Cree, Inc

  XP-G Datasheet HTML 1Page - Cree, Inc XP-G Datasheet HTML 2Page - Cree, Inc XP-G Datasheet HTML 3Page - Cree, Inc XP-G Datasheet HTML 4Page - Cree, Inc XP-G Datasheet HTML 5Page - Cree, Inc XP-G Datasheet HTML 6Page - Cree, Inc XP-G Datasheet HTML 7Page - Cree, Inc XP-G Datasheet HTML 8Page - Cree, Inc XP-G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or
vendor endorsement, sponsorship or association.
3
XLamp® Xp-G LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 23).
Cree XLamp XP-G LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
FLuX ChArACtEristiCs (t
J = 25 °C)
The following table provides order codes for XLamp XP-G LEDs. For a complete description of the order code nomenclature, please see
the Bin and Order Code Formats section (page 21). For definitions of the chromaticity kits, please see the Cree’s Standard Chromaticity
Kits section (page 20).
Chromaticity
Minimum Luminous
Flux (lm) @ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
70 CRI Typical
51
6200 K
R5
139
XPGWHT-L1-0000-00H51
R4
130
XPGWHT-L1-0000-00G51
R3
122
XPGWHT-L1-0000-00F51
53
6000 K
R5
139
XPGWHT-L1-0000-00H53
R4
130
XPGWHT-L1-0000-00G53
R3
122
XPGWHT-L1-0000-00F53
50
6200 K
R5
139
XPGWHT-L1-0000-00H50
R4
130
XPGWHT-L1-0000-00G50
R3
122
XPGWHT-L1-0000-00F50
e1
6500 K
R5
139
XPGWHT-L1-0000-00HE1
R4
130
XPGWHT-L1-0000-00GE1
R3
122
XPGWHT-L1-0000-00FE1
e2
5700 K
R5
139
XPGWHT-L1-0000-00HE2
R4
130
XPGWHT-L1-0000-00GE2
R3
122
XPGWHT-L1-0000-00FE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com