Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 10 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 10 Page - Cree, Inc

Back Button XP-G Datasheet HTML 6Page - Cree, Inc XP-G Datasheet HTML 7Page - Cree, Inc XP-G Datasheet HTML 8Page - Cree, Inc XP-G Datasheet HTML 9Page - Cree, Inc XP-G Datasheet HTML 10Page - Cree, Inc XP-G Datasheet HTML 11Page - Cree, Inc XP-G Datasheet HTML 12Page - Cree, Inc XP-G Datasheet HTML 13Page - Cree, Inc XP-G Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or
vendor endorsement, sponsorship or association.
10
XLamp® Xp-G LED
tyPiCAL sPAtiAL Distribution
thErMAL DEsiGn
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is crucial for the end
product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life
and optical characteristics.
0
20
40
60
80
100
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)
Cool White
Thermal Design
0
200
400
600
800
1000
1200
1400
1600
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10°C/W
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com