Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G Datasheet(PDF) 5 Page - Cree, Inc

Part # XP-G
Description  Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G Datasheet(HTML) 5 Page - Cree, Inc

  XP-G Datasheet HTML 1Page - Cree, Inc XP-G Datasheet HTML 2Page - Cree, Inc XP-G Datasheet HTML 3Page - Cree, Inc XP-G Datasheet HTML 4Page - Cree, Inc XP-G Datasheet HTML 5Page - Cree, Inc XP-G Datasheet HTML 6Page - Cree, Inc XP-G Datasheet HTML 7Page - Cree, Inc XP-G Datasheet HTML 8Page - Cree, Inc XP-G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or
vendor endorsement, sponsorship or association.
5
XLamp® Xp-G LED
FLuX ChArACtEristiCs - ContinuED
Chromaticity
Minimum
Luminous
Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux
(lm)
70 CRI Typical
80 CRI Typical
80 CRI Minimum
85 Cri Minimum
90 CRI Minimum
F6
3750 K
R3
122
XPGWHT-01-0000-00FF6
R2
114
XPGWHT-01-0000-00EF6
XPGWHT-L1-0000-00EF6
XPGWHT-H1-0000-00EF6
Q5
107
XPGWHT-01-0000-00DF6
XPGWHT-L1-0000-00DF6
XPGWHT-H1-0000-00DF6
Q4
100
XPGWHT-L1-0000-00CF6
XPGWHT-H1-0000-00CF6
e6
3500 K
R3
122
XPGWHT-01-0000-00FE6
R2
114
XPGWHT-01-0000-00EE6
XPGWHT-L1-0000-00EE6
Q5
107
XPGWHT-01-0000-00DE6
XPGWHT-L1-0000-00DE6
XPGWHT-H1-0000-00DE6
Q4
100
XPGWHT-L1-0000-00CE6
XPGWHT-H1-0000-00CE6
Z6
3500 K
Q5
107
XPGWHT-L1-0000-00DZ6
XPGWHT-H1-0000-00DZ6
Q4
100
XPGWHT-L1-0000-00CZ6
XPGWHT-H1-0000-00CZ6
F7
3250 K
R2
114
XPGWHT-L1-0000-00EF7
Q5
107
XPGWHT-L1-0000-00DF7
XPGWHT-H1-0000-00DF7
Q4
100
XPGWHT-L1-0000-00CF7
XPGWHT-H1-0000-00CF7
Q3
93.9
XPGWHT-L1-0000-00BF7
XPGWHT-H1-0000-00BF7
e7
3000 K
R2
114
XPGWHT-L1-0000-00EE7
Q5
107
XPGWHT-L1-0000-00DE7
XPGWHT-H1-0000-00DE7
Q4
100
XPGWHT-L1-0000-00CE7
XPGWHT-H1-0000-00CE7
Q3
93.9
XPGWHT-L1-0000-00BE7
XPGWHT-H1-0000-00BE7
XPGWHT-P1-0000-00BE7
Q2
87.4
XPGWHT-P1-0000-00AE7
P4
80.6
XPGWHT-P1-0000-009E7
XPGWHT-U1-0000-009E7
P3
73.9
XPGWHT-P1-0000-008E7
XPGWHT-U1-0000-008E7
Z7
3000 K
Q5
107
XPGWHT-L1-0000-00DZ7
XPGWHT-H1-0000-00DZ7
Q4
100
XPGWHT-L1-0000-00CZ7
XPGWHT-H1-0000-00CZ7
Q3
93.9
XPGWHT-L1-0000-00BZ7
XPGWHT-H1-0000-00BZ7
Q2
87.4
XPGWHT-P1-0000-00AZ7
P4
80.6
XPGWHT-P1-0000-009Z7
XPGWHT-U1-0000-009Z7
P3
73.9
XPGWHT-P1-0000-008Z7
XPGWHT-U1-0000-008Z7
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 23).
Cree XLamp XP-G LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com