Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 22 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 22 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology RFHCS362F Datasheet HTML 24Page - Microchip Technology RFHCS362F Datasheet HTML 25Page - Microchip Technology RFHCS362F Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
rfHCS362G/362F
DS41189A-page 22
Preliminary
© 2002 Microchip Technology Inc.
TABLE 4-2:
CONFIG_0
4.5
Configuration Words
There are 36 configuration bits stored in the EEPROM
array. They are used by the device to determine trans-
mission speed, format, delays and Guard times. They
are
grouped
in
three
Configuration
Words:
CONFIG_0
, CONFIG_1 and the upper nybble of the
SEED_3
word. A description of each of the bits follows
this section.
4.5.1
OSC
The internal oscillator can be tuned to ±10%. (0000
selects the nominal value, 1000 the fastest value and
0111
the slowest). When programming the device, it is
the programmer’s responsibility to determine the opti-
mal calibration value.
4.5.2
VLOW[0..2]
The low voltage threshold can be programmed to be
any of the values shown in Table 4-2.
4.5.3
BSEL[0..1]
The basic timing element TE, determines the actual
transmission Baud Rate. This translates to different
code word lengths depending on the encoding format
selected (Manchester or PWM), the Header length
selection and the Guard time selection, from approxi-
mately 40 ms up to 220 ms. Refer to Table 4-2 for bit
rate configuration. Refer to Figure 10-3 through
Figure 10-6 for code word timing.
4.5.4
MTX[0..1]
MTX
selects the minimum number of code words that
will be transmitted. A minimum of 1, 2, 4 or 8 code
words will be transmitted.
Bit
Address
Field
Description
Values
0
OSC_0
Oscillator adjust
0000
- nominal
1000
- fastest
0111
- slowest
1
OSC_1
2
OSC_2
3
OSC_3
4
VLOW_0
VLOW select
nominal values
5
VLOW_1
000
- 2.0V
001
- 2.1V
010
- 2.2V
011
- 2.3V
100
- 4.0V
101
- 4.2V
110
- 4.4V
111
- 4.6V
6
VLOW_2
7
BSEL_0
Bit rate select
00
- TE = 100
µs
01
- TE = 200
µs
10
- TE = 400
µs
11
- TE = 800
µs
8
BSEL_1
9
MTX_0
Minimum number of code
words
00
- 1
01
- 2
10
- 4
11
- 8
10
MTX_1
11
GUARD_0
Guard time select
00
- 0 ms (1 TE)
01
- 6.4 ms + 2 TE
10
- 25.6 ms + 2 TE
11
- 76.8 ms + 2 TE
12
GUARD_1
13
TIMOUT_0
Time-out select
00
- No Time-out
01
- 0.8 s to 0.8 s + 1 code word
10
- 3.2 s to 3.2 s + 1 code word
11
- 25.6 s to 25.6 s + 1 code word
14
TIMOUT_1
15
CTSEL
CTSEL
0
= TIME bits
1
= CRC bits
Note:
If MTX and BSEL settings in combination
require
a
transmission
sequence
to
exceed the TIMOUT setting, TIMOUT will
take priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com