Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 19 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 19 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 15Page - Microchip Technology RFHCS362F Datasheet HTML 16Page - Microchip Technology RFHCS362F Datasheet HTML 17Page - Microchip Technology RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology RFHCS362F Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 19
rfHCS362G/362F
FIGURE 3-10: SEED CODE WORD FORMAT
3.4
Seed Code Word Data Format
A seed transmission transmits a unencrypted code
word that consists of 60 bits of fixed data that is stored
in the EEPROM. This can be used for secure learning
of encoders or whenever a fixed code transmission is
required. The seed code word further contains the
function code and the status information (VLOW, CRC
and QUEUE) as configured for normal code hopping
code words. The seed code word format is shown in
Figure 3-10. The function code for seed code words is
always ‘1111b’.
Seed code words can be configured as follows:
• Enabled permanently.
• Disabled permanently.
• Enabled until the synchronization counter is
greater than 7Fh, this configuration is often
referred to as Limited Seed.
• The time before the seed code word is transmitted
can be set to 1.6 s or 3.2 s, this configuration is
often referred to as Delayed Seed. When this
option is selected, the rfHCS362 will transmit a
code hopping code word for 1.6 s or 3.2 s, before
the seed code word is transmitted.
3.4.1
SEED OPTIONS
The button combination (S[3210]) for transmitting a
Seed code word can be selected with the Seed and
SeedC (SEED[0..1] and SEEDC) configuration
options as shown in Table 3-1 and Table 3-2:
TABLE 3-1:
SEED OPTIONS (SEEDC = 0)
TABLE 3-2:
SEED OPTIONS (SEEDC = 1)
Example A): Selecting SEEDC = 1 and SEED = 11:
makes SEED transmission available every time the
combination of buttons S3 and S0 is pressed simulta-
neously, but Delayed Seed mode is not available.
Example B): Selecting SEEDC = 0 and SEED = 01:
makes SEED transmission available only for a limited
time (only up to 128 times). The combination of buttons
S2 and S0 produces an immediate transmission of the
SEED code. Pressing and holding for more than 1.6
seconds the S0 button alone produces the SEED code
word transmission (Delayed Seed).
Transmission Direction LSB First
Fixed Portion
QUE
(2 bits)
CRC
(2 bits)
VLOW
(1-bit)
SEED
With QUEN = 1
BUT
(4 bits)
(9 bits)
SEED Code
(60 bits)
Q1 Q0 C1 C0
11
1
1
Seed
1.6 s Delayed Seed
SEED
S[3210]
S[3210]
00
-
-
01
0101*
0001*
10
0101
0001
11
0101
-
Note:
*Limited Seed
Seed
3.2 s Delayed Seed
SEED
S[3210]
S[3210]
00
-
-
01
1001*
0011*
10
1001
0011
11
1001
-
Note:
*Limited Seed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com