Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 18 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 18 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 14Page - Microchip Technology RFHCS362F Datasheet HTML 15Page - Microchip Technology RFHCS362F Datasheet HTML 16Page - Microchip Technology RFHCS362F Datasheet HTML 17Page - Microchip Technology RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology RFHCS362F Datasheet HTML 21Page - Microchip Technology RFHCS362F Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
rfHCS362G/362F
DS41189A-page 18
Preliminary
© 2002 Microchip Technology Inc.
3.2
LED Output
The LED pin will be driven LOW periodically while the
rfHCS362 is transmitting data to power an external
LED.
The duty cycle (TLEDON/TLEDOFF) can be selected
between two possible values by the configuration
option (LED).
FIGURE 3-7:
LED OPERATION (LED = 1)
The same configuration option determines whether
when the VDD Voltage drops below the selected VLOW
trip point the LED will blink only once or stop blinking.
FIGURE 3-8:
LED OPERATION (LED = 0)
3.3
Dual Encoder Operation
The rfHCS362G/362F contains two encryption keys
(for example derived from two different Manufacturer’s
Codes), but only one Serial Number, one set of Dis-
crimination bits, one 16-bit Synchronization Counter
and a single 60-bit Seed value. For this reason the
rfHCS362G/362F can be used as an encoder in multi-
ple (two) applications as far as they share the same
configuration: transmission format, baud rate, header
and guard settings. The SHIFT input pin (multiplexed
with the LED output) is used to select between the two
encryption keys.
A logic 1 on the SHIFT input pin selects the first encryp-
tion key.
A logic 0 on the SHIFT input pin will select the second
encryption key.
FIGURE 3-9:
USING DUAL ENCODER
OPERATION
Note:
When the rfHCS362 encoder is used
as a Dual Encoder the LED pin is used
as a SHIFT input (Figure 3-9). In such
a configuration the LED is always ON
during transmission. To keep power
consumption low, it is recommended
to use a series resistor of relatively
high value. VLOW information is not
available when using
the
second
Encryption Key.
S[3210]
LED
VDD > VLOW
TLEDON = 25 ms
TLEDOFF
LED
VDD < VLOW
TLEDON
TLEDOFF = 500 ms
LED
VDD < VLOW
S[3210]
LED
VDD > VLOW
TLEDON
TLEDOFF
TLEDON = 200 ms
TLEDOFF = 800 ms
VDD
VDD
DATA
VSS
SHIFT
1 k
Ω
LED/SHIFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com