Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 31 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 31 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 27Page - Microchip Technology RFHCS362F Datasheet HTML 28Page - Microchip Technology RFHCS362F Datasheet HTML 29Page - Microchip Technology RFHCS362F Datasheet HTML 30Page - Microchip Technology RFHCS362F Datasheet HTML 31Page - Microchip Technology RFHCS362F Datasheet HTML 32Page - Microchip Technology RFHCS362F Datasheet HTML 33Page - Microchip Technology RFHCS362F Datasheet HTML 34Page - Microchip Technology RFHCS362F Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 31
rfHCS362G/362F
6.3.2
CRYSTAL OSCILLATOR FSK
OPERATION
The rfHCS362F crystal oscillator can be configured for
FSK operation. Figure 6-2 shows an example FSK cir-
cuit. Capacitors C1 and C2 achieve FSK modulation by
pulling the crystal. When DATAFSK = 1, FSKOUT is
high-impedance effectively coupling only capacitor C1
to the crystal and the resulting transmit frequency
equals fMAX. When DATAFSK = 0, FSKOUT is
grounded to VSSRF and will parallel capacitor C2 with
C1. The resulting transmit frequency will equal fMIN.
Selecting the appropriate values for C1 and C2 sets the
center frequency and frequency deviation. Capacitor
C1 sets fMAX and capacitors C1 and C2 in parallel set
fMIN. The graph in Figure 6-3 illustrates this relation-
ship. The transmit center frequency f
C is defined as:
The frequency deviation of the transmit frequency is
defined as:
TABLE 6-3:
TYPICAL TRANSMIT CENTER FREQUENCY AND FREQUENCY DEVIATION
(FSK MODE) (1)
FIGURE 6-2:
EXAMPLE FSK EXTERNAL
CRYSTAL CIRCUIT
FIGURE 6-3:
LOAD CAPACITANCE
VERSUS CHANGE IN
TRANSMITTED FREQUENCY
Layout considerations - Avoid parallel traces in order
to reduce circuit stray capacitance. Keep traces as
short as possible. Isolate components to prevent cou-
pling. Use ground traces to isolate signals.
2
min
max
f
f
f
c
+
=
2
min
max
f
f
f
−
=
∆
C2 = 1000 pF
C2 = 100 pF
C2 = 47 pF
C1 (pF)
Freq (MHz) / Dev (kHz)
Freq (MHz) / Dev (kHz)
Freq (MHz) / Dev (kHz)
22
433.612 / 34
433.619 / 27
433.625 / 21
33
433.604 / 25
433.610 / 19
433.614 / 14
39
433.598 / 20
433.604 / 14
433.608 / 10
47
433.596 / 17
433.601 / 11.5
433.604 / 8
68
433.593 / 13
433.598 / 9
433.600 / 5.5
100
433.587 / 8
——
Note 1: Standard Operating Conditions (unless otherwise stated) TA = 25°C, RFEN = 1, VDDRF = 3V,
fXTAL = 13.55 MHz
XTAL
rfHCS362F
X1
C1
C2
FSKOUT
Frequency
(MHz)
Fmax
Fmin
C1
C1||C2
DATAFSK = 1 DATAFSK = 0
Load Capacitance (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com