Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 33 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 33 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 29Page - Microchip Technology RFHCS362F Datasheet HTML 30Page - Microchip Technology RFHCS362F Datasheet HTML 31Page - Microchip Technology RFHCS362F Datasheet HTML 32Page - Microchip Technology RFHCS362F Datasheet HTML 33Page - Microchip Technology RFHCS362F Datasheet HTML 34Page - Microchip Technology RFHCS362F Datasheet HTML 35Page - Microchip Technology RFHCS362F Datasheet HTML 36Page - Microchip Technology RFHCS362F Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 33
rfHCS362G/362F
FIGURE 6-4:
EXAMPLE LOOP FILTER
CIRCUIT
TABLE 6-4:
EXAMPLE LOOP FILTER VALUES FOR TRANSMIT FREQUENCY = 433.92 MHz (1)
TABLE 6-5:
EXAMPLE LOOP FILTER VALUES FOR TRANSMIT FREQUENCY = 315 MHz (1)
LF
rfHCS362G/362F
R1
C1
C2
C1
C2
R1
Loop BW
Fn (natural
freq in Hz)
Phase Margin
(not counting
sampling delay)
2nd Order
damping
factor
Calculated
Lock Time
0.01 uF
390 pF
680
165 kHz
64 kHz
65 deg
1.37
47
µs
3900 pF
100 pF
1.5K
360 kHz
103 kHz
63 deg
1.89
29
µs
1500 pF
47 pF
2.7K
610 kHz
166 kHz
55 deg
2.10
18
µs
1000 pF
18 pF
4.7K
1.05 MHz
203 kHz
50 deg
3.0
15
µs
Note 1: Standard Operating Conditions (unless otherwise stated) TA = 25°C, RFEN = 1, VDDRF = 3V.
C1
C2
R1
Loop BW
Fn (natural
freq in Hz)
Phase Margin
(not counting
sampling delay)
2nd Order
damping
factor
Calculated
Lock Time
3900 pF
390 pF
680
190 kHz
112 kHz
55 deg
0.94
27
µs
3900 pF
680 pF
680
175 kHz
112 kHz
47 deg
0.94
27
µs
3900 pF
1000 pF
680
155 kHz
112 kHz
39 deg
0.94
27
µs
Note 1: Standard Operating Conditions (unless otherwise stated) TA = 25°C, RFEN = 1, VDDRF = 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com