Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 35 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 35 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 31Page - Microchip Technology RFHCS362F Datasheet HTML 32Page - Microchip Technology RFHCS362F Datasheet HTML 33Page - Microchip Technology RFHCS362F Datasheet HTML 34Page - Microchip Technology RFHCS362F Datasheet HTML 35Page - Microchip Technology RFHCS362F Datasheet HTML 36Page - Microchip Technology RFHCS362F Datasheet HTML 37Page - Microchip Technology RFHCS362F Datasheet HTML 38Page - Microchip Technology RFHCS362F Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 35
rfHCS362G/362F
6.7
Mode Control Logic
The mode control logic pin RFENIN controls the oper-
ation of the transmitter (Table 6-7). When RFENIN
goes high, the crystal oscillator starts up. The voltage
on the LF pin ramps up proportionally to the RF fre-
quency. The PLL can lock onto the frequency faster
than the starting up crystal can stabilize. When the LF
pin reaches 0.8V, the RF frequency is close to locked
on the crystal frequency. This initiates a 150 micro-
second delay to ensure that the PLL settles. After the
delay, the PS/DATAASK bias current and power ampli-
fier are enabled to start transmitting.
When RFENIN goes low, the transmitter goes into low
power Standby mode. The power amplifier is dis-
abled, the crystal oscillator stops, and the PS/
DATAASK pin is driven low. This will be a conflict if other
circuitry drives the PS/DATAASK pin high while RFENIN
is low. The encoder DATA pin is typically the only con-
nection to PS/DATAASK and it always drives DATA low
before RFENOUT goes low.
For most applications the RFENIN pin is connected
directly to the RFENOUT pin. The RFENIN pin has an
internal pull-down resistor.
TABLE 6-7:
RFENIN PIN STATES
RFEN
Description
0
Transmitter and CLKOUT in Standby
1
Transmitter and CLKOUT enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com