Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362F Datasheet(PDF) 15 Page - Microchip Technology

Part # RFHCS362F
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F Datasheet(HTML) 15 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 11Page - Microchip Technology RFHCS362F Datasheet HTML 12Page - Microchip Technology RFHCS362F Datasheet HTML 13Page - Microchip Technology RFHCS362F Datasheet HTML 14Page - Microchip Technology RFHCS362F Datasheet HTML 15Page - Microchip Technology RFHCS362F Datasheet HTML 16Page - Microchip Technology RFHCS362F Datasheet HTML 17Page - Microchip Technology RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 15
rfHCS362G/362F
3.1.1
CODE HOPPING DATA
The hopping portion is calculated by encrypting the
counter, discrimination value and function code with the
Encoder Key (KEY). The counter is 16 bits wide. The
discrimination value is 10 bits wide. There are 2
counter overflow bits (OVR) that are cleared when the
counter wraps to 0. The rest of the 32 bits are made up
of the function code also known as the button inputs.
3.1.2
FIXED CODE DATA
The 32 bits of fixed code consist of 28 bits of the serial
number (SER) and another copy of the function code.
This can be changed to contain the whole 32-bit serial
number with the Extended Serial Number (XSER) con-
figuration option.
3.1.3
MINIMUM CODE WORDS
MTX[0..1]
configuration bits selects the minimum
number of code words that will be transmitted. If the
button is released after 1.6 s (or greater) and MTX code
words have been transmitted, the code word being
transmitted will be terminated. The possible values are:
00
- 1
01
- 2
10
- 4
11
- 8
3.1.4
STATUS INFORMATION
The status bits will always contain the output of the Low
Voltage detector (VLOW), the Cyclic Redundancy
Check (CRC) bits (or TIME bits depending on CTSEL)
and the Button Queue information.
3.1.4.1
Low Voltage Detector Status (VLOW)
The output of the low voltage detector is transmitted
with each code word. If VDD drops below the selected
voltage, a logic ‘1’ will be transmitted. The output of the
detector is sampled before each code word is transmit-
ted.
3.1.4.2
Button Queue Information (QUEUE)
The queue bits indicate a button combination was
pressed again within 2 s after releasing the previous
activation. Queuing or repeated pressing of the same
buttons (or button combination) is detected by the
rfHCS362 button debouncing circuitry.
The Queue bits are added as the last two bits of the
standard code word. The queue bits are a 2-bit counter
that does not wrap. The counter value starts at ‘00b’
and is incremented if a button is pushed within 2 s of
the previous button press. The current code word is ter-
minated when the buttons are queued. This allows
additional functionality for repeated button presses.
The button inputs are sampled every 6.4 ms during this
2 s period.
00
- first activation
01
- second activation
10
- third activation
11
- from fourth activation on
3.1.4.3
Time BITS
The time bits (Figure 3-5) indicate the duration that the
inputs were activated:
00
- immediate
01
- after 0.8 s
10
- after 1.6 s
11
- after 2.4 s
The TIME bits are incremented every 0.8 s and will not
wrap once it reaches ‘11’.
Time information is alternative to the CRC bits availabil-
ity and is selected by the CTSEL configuration bit.
FIGURE 3-5:
TIME BITS OPERATION
TTD
Time
DATA
= One Code Word
Time bits = 00
Time bits set internally to 01
Time bits actually output
Time bits set internally to 10
Time bits actually output
0 s
0.8 s
1.6 s
2.4 s
S[3210]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com