Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SiC521 Datasheet HTML 3Page - Vishay Siliconix SiC521 Datasheet HTML 4Page - Vishay Siliconix SiC521 Datasheet HTML 5Page - Vishay Siliconix SiC521 Datasheet HTML 6Page - Vishay Siliconix SiC521 Datasheet HTML 7Page - Vishay Siliconix SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix SiC521 Datasheet HTML 10Page - Vishay Siliconix SiC521 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
7
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
Test condition: VIN = 12 V, VDRV = VCIN = 5 V, ZCD_EN# = 5 V, VOUT = 1 V, LOUT = 360 nH, (DCR = 0.32 m
Ω), TA = 25 °C
(All power loss and normalized power loss curves show SiC521 and SiC521A losses only unless otherwise stated)
Fig. 5 - Efficiency vs. Output Current
Fig. 6 - Efficiency vs. Output Current
Fig. 7 - UVLO Threshold vs. Temperature
Fig. 8 - Power Loss vs. Output Current
Fig. 9 - Safe Operating Area
Fig. 10 - BOOT Diode Forward Voltage vs. Temperature
62
66
70
74
78
82
86
90
94
0
5
10
15
20
25
30
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
1 MHz
300 kHz
500 kHz
800 kHz
62
66
70
74
78
82
86
90
94
0
5
10
15
20
25
30
Output Current, I
OUT (A)
f
S = 500 kHz
V
OUT = 0.6 V
V
OUT = 0.8 V
V
OUT = 1.2 V
V
OUT = 1 V
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
UVLO_FALLING
V
UVLO_RISING
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
0
3
6
9
12
15
18
21
24
27
30
Output Current, I
OUT (A)
1 MHz
800 kHz
500 kHz
300 kHz
0
5
10
15
20
25
30
35
40
0
153045607590
105 120 135 150
PCB Temperature, T
PCB (°C)
1 MHz
300 kHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
I
F = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com