Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SiC521 Datasheet HTML 7Page - Vishay Siliconix SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix SiC521 Datasheet HTML 10Page - Vishay Siliconix SiC521 Datasheet HTML 11Page - Vishay Siliconix SiC521 Datasheet HTML 12Page - Vishay Siliconix SiC521 Datasheet HTML 13Page - Vishay Siliconix SiC521 Datasheet HTML 14Page - Vishay Siliconix SiC521 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
11
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Step 7: Ground Connection
1. It is recommended to make a single connection between
AGND and PGND which can be made on the top layer.
2. It is recommended to make the entire first inner layer
(below top layer) the ground plane and separate them
into AGND and PGND planes.
3. These ground planes provide shielding between noise
sources on top layer and signal traces on bottom layer.
RECOMMENDED LAND PATTERN POWERPAK® MLP4535-22L
VSWH
PGND
AGND
All dimensions in millimeters
22
21 20 19
18
17
6
7
8
9
10
11
1
2
3
4
5
16
15
14
13
12
0.14
4.5
0.75
1
0.5
0.75
0.3
0.5 x 3 = 1.5
0.3
0.45
0.45
0.31
0.75
0.75
1
0.5 x 2
= 1
0.5 x 2
= 1
0.29
1.16
1.61
0.25
0.8
0.3
0.3
0.4
0.36
22
21 20 19
18
17
678
9
10
11
1
2
3
4
5
16
15
14
13
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com