Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix SiC521 Datasheet HTML 10Page - Vishay Siliconix SiC521 Datasheet HTML 11Page - Vishay Siliconix SiC521 Datasheet HTML 12Page - Vishay Siliconix SiC521 Datasheet HTML 13Page - Vishay Siliconix SiC521 Datasheet HTML 14Page - Vishay Siliconix SiC521 Datasheet HTML 15Page - Vishay Siliconix SiC521 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 05-Nov-14
1
Document Number: 66914
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Recommended Land Pattern PowerPAK® MLP4535-22L
Land pattern
Package outline top view, transparent
(not bottom view)
All dimensions in millimeters
22
21
20
19
18
17
22
21 20
19
18
17
678
9
10
11
678
9
10
11
1
2
3
4
5
16
15
14
13
12
16
15
14
13
12
4.5
(D2-4)
0.3
(D1-2)
0.2
(K4)
0.4
(D2-1)
1.07
(K1)
0.4
(D1-1)
0.4
(D2-2)
1.07
(D2-3)
1.52
(L)
0.4
(K2)
0.07
(K3)
0.05
1
2
3
4
5
0.14
4.5
0.75
1
0.5
0.75
0.3
0.5 x 3 = 1.5
0.3
0.45
0.45
0.31
0.75
0.75
1
0.5 x 2
= 1
0.5 x 2
= 1
0.29
1.16
1.61
0.25
0.8
0.3
0.3
0.4
0.36
22
21
20
19
18
17
678
9
10
11
1
2
3
4
5
16
15
14
13
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com