Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 1 Page - Vishay Siliconix

  SiC521 Datasheet HTML 1Page - Vishay Siliconix SiC521 Datasheet HTML 2Page - Vishay Siliconix SiC521 Datasheet HTML 3Page - Vishay Siliconix SiC521 Datasheet HTML 4Page - Vishay Siliconix SiC521 Datasheet HTML 5Page - Vishay Siliconix SiC521 Datasheet HTML 6Page - Vishay Siliconix SiC521 Datasheet HTML 7Page - Vishay Siliconix SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
1
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
30 A VRPower® Integrated Power Stage
DESCRIPTION
The SiC521 and SiC521A are integrated power stage
solutions optimized for synchronous buck applications
to offer high current, high efficiency, and high power
density performance. Packaged in Vishay’s proprietary
4.5 mm x 3.5 mm MLP package, SiC521 and SiC521A
enable voltage regulator designs to deliver up to 30 A
continuous current per phase.
The
internal
power
MOSFETs
utilize
Vishay’s
state-of-the-art Gen IV TrenchFET technology that delivers
industry benchmark performance to significantly reduce
switching and conduction losses.
The SiC521 and SiC521A incorporate an advanced
MOSFET gate driver IC that features high current driving
capability, adaptive dead-time control, an integrated
bootstrap Schottky diode, and zero current detect to
improve
light
load
efficiency.
The
drivers
are
also
compatible with a wide range of PWM controllers, support
tri-state PWM, and 3.3 V (SiC521A) / 5 V (SiC521) PWM
logic.
FEATURES
• Thermally enhanced PowerPAK® MLP4535-22L
package
• Vishay’s Gen IV MOSFET technology and a
low-side MOSFET with integrated Schottky
diode
• Delivers up to 30 A continuous current, 40 A at 10 ms peak
current
• 95 % peak efficiency
• High frequency operation up to 1.5 MHz
• Power MOSFETs optimized for 12 V input stage
• 3.3 V (SiC521A) / 5 V (SiC521) PWM logic with tri-state and
hold-off
• Zero current detect control for light load efficiency
improvement
• Low PWM propagation delay (< 20 ns)
• Under voltage lockout for VCIN
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Multi-phase VRDs for CPU, GPU, and memory
• Synchronous buck converters
• DC/DC VR modules
TYPICAL APPLICATION DIAGRAM
Fig. 1 - SiC521 and SiC521A Typical Application Diagram
PWM
controller
Gate
driver
5V
VIN
VOUT
VCIN
ZCD_EN#
PWM
BOOT
VSWH
PHASE


Similar Part No. - SiC521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC521 VISHAY-SIC521 Datasheet
328Kb / 16P
30 A VRPower® Integrated Power Stage
29-Jun-2020
SIC521A VISHAY-SIC521A Datasheet
328Kb / 16P
30 A VRPower® Integrated Power Stage
29-Jun-2020
SiC521ACD-T1-GE3 VISHAY-SiC521ACD-T1-GE3 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC521ACD-T1-GE3 VISHAY-SIC521ACD-T1-GE3 Datasheet
328Kb / 16P
30 A VRPower® Integrated Power Stage
29-Jun-2020
More results

Similar Description - SiC521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
30 A VRPower Integrated Power Stage
30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
30 A VRPower Integrated Power Stage
23-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
60 A VRPower Integrated Power Stage
08-Dec-14
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com