Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 3 Page - Vishay Siliconix

  SiC521 Datasheet HTML 1Page - Vishay Siliconix SiC521 Datasheet HTML 2Page - Vishay Siliconix SiC521 Datasheet HTML 3Page - Vishay Siliconix SiC521 Datasheet HTML 4Page - Vishay Siliconix SiC521 Datasheet HTML 5Page - Vishay Siliconix SiC521 Datasheet HTML 6Page - Vishay Siliconix SiC521 Datasheet HTML 7Page - Vishay Siliconix SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
3
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The specification values indicated “AC” is VSWH to PGND, -8 V (< 20 ns, 10 μJ), min. and 30 V (< 50 ns), max.
(2) The specification value indicates “AC voltage” is VBOOT to PGND, 36 V (< 50 ns) max.
(3) The specification value indicates “AC voltage” is VBOOT to VPHASE, 8 V (< 20 ns) max.
(4) Output current rated with testing evaluation board at TA = 25 °C with natural convection cooling. The rating is limited by the peak evaluation
board temperature, TJ = 150 °C, and varies depending on the operating conditions and PCB layout. This rating may be changed with different
application settings.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL PARAMETER
CONDITIONS
LIMIT
UNIT
Input Voltage
VIN
-0.3 to +25
V
Control Logic Supply Voltage
VCIN
-0.3 to +7
Drive Supply Voltage
VDRV
-0.3 to +7
Switch Node (DC voltage)
VSWH
-0.3 to +25
Switch Node (AC voltage) (1)
-8 to +30
BOOT Voltage (DC voltage)
VBOOT
32
BOOT Voltage (AC voltage) (2)
38
BOOT to PHASE (DC voltage)
VBOOT- PHASE
-0.3 to +7
BOOT to PHASE (AC voltage) (3)
-0.3 to +8
All Logic Inputs and Outputs
(PWM and ZCD_EN#)
-0.3 to VCIN + 0.3
Output Current, IOUT(AV) (4)
fS = 300 kHz, VIN = 12 V, VOUT = 1.8 V
30
A
fS = 1 MHz, VIN = 12 V, VOUT = 1.8 V
25
Max. Operating Junction Temperature
TJ
150
°C
Ambient Temperature
TA
-40 to +125
Storage Temperature
Tstg
-65 to +150
Electrostatic Discharge Protection
Human body model, JESD22-A114
3000
V
Charged device model, JESD22-C101
1000
RECOMMENDED OPERATING RANGE
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Input Voltage (VIN)4.5
-
18
V
Drive Supply Voltage (VDRV)
4.555.5
Control Logic Supply Voltage (VCIN)
4.555.5
BOOT to PHASE (VBOOT-PHASE, DC voltage)
4
4.5
5.5
Thermal Resistance from Junction to PCB
-
5
-
°C/W
Thermal Resistance from Junction to Case
-
2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com