Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SiC521 Datasheet HTML 4Page - Vishay Siliconix SiC521 Datasheet HTML 5Page - Vishay Siliconix SiC521 Datasheet HTML 6Page - Vishay Siliconix SiC521 Datasheet HTML 7Page - Vishay Siliconix SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix SiC521 Datasheet HTML 10Page - Vishay Siliconix SiC521 Datasheet HTML 11Page - Vishay Siliconix SiC521 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
8
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - PWM Threshold vs. Temperature (SiC521A)
Fig. 12 - PWM Threshold vs. Temperature (SiC521)
Fig. 13 - ZCD_EN# Threshold vs. Temperature
Fig. 14 - PWM Threshold vs. Driver Supply Voltage (SiC521A)
Fig. 15 - PWM Threshold vs. Driver Supply Voltage (SiC521)
Fig. 16 - ZCD_EN# Threshold vs. Driver Supply Voltage
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
TRI_TH_R
V
TRI_TH_F
V
TRI
V
TH_PWM_R
V
TH_PWM_F
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
V
IL_ZCD_EN#
V
IH_ZCD_EN#
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Control Logic Supply Voltage, V
CIN (V)
V
TH_PWM_F
V
TRI
V
TH_PWM_R
V
TRI_TH_F
V
TRI_TH_R
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Control Logic Supply Voltage, V
CIN (V)
V
TH_PWM_F
V
TH_PWM_R
V
TRI_TH_F
V
TRI_TH_R
V
TRI
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Control Logic Supply Voltage, V
CIN (V)
V
IH_ZCD_EN#
V
IL_ZCD_EN#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com