Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SiC521 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SiC521
Description  30 A VRPower® Integrated Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC521 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SiC521 Datasheet HTML 6Page - Vishay Siliconix SiC521 Datasheet HTML 7Page - Vishay Siliconix SiC521 Datasheet HTML 8Page - Vishay Siliconix SiC521 Datasheet HTML 9Page - Vishay Siliconix SiC521 Datasheet HTML 10Page - Vishay Siliconix SiC521 Datasheet HTML 11Page - Vishay Siliconix SiC521 Datasheet HTML 12Page - Vishay Siliconix SiC521 Datasheet HTML 13Page - Vishay Siliconix SiC521 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SiC521, SiC521A
www.vishay.com
Vishay Siliconix
S15-0170-Rev. B, 09-Feb-15
10
Document Number: 62989
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Step 3: VCIN / VDRV Input Filter
1. The VCIN / VDRV input filter ceramic cap should be placed
as close as possible to the IC. It is recommended to
connect two capacitors separately.
2. VCIN capacitor should be placed between pin 2 and pin 3
(AGND of driver IC) to achieve best noise filtering.
3. VDRV capacitor should be placed between pin 20
(PGND of driver IC) and pin 21 to provide maximum
instantaneous driver current for low side MOSFET during
switching cycle.
4. For connecting VCIN to AGND, it is recommended to use
a large plane to reduce parasitic inductance.
Step 4: BOOT Resistor and Capacitor Placement
1. The components need to be placed as close as possible
to IC, directly between PHASE (pin 5) and BOOT (pin 4).
2. To reduce parasitic inductance, chip size 0402 can be
used.
Step 5: Signal Routing
1. Route the PWM and ZCD_EN# signal traces out of the
top left corner next to pin 1.
2. The PWM signal is an important signal, both signal and
return traces should not cross any power nodes on any
layer.
3. It is best to “shield” these traces from power switching
nodes, e.g. VSWH, with a GND island to improve signal
integrity.
4. GL (pin 19) has been connected with GL pad (pin 24)
internally.
Step 6: Adding Thermal Relief Vias
1. Thermal relief vias can be added on the VIN and AGND
pads to utilize inner layers for high-current and thermal
dissipation.
2. To achieve better thermal performance, additional vias
can be placed on VIN plane and PGND plane.
3. VSWH pad is a noise source, it is not recommended to
place vias on this pad.
4. 8 mil vias for pads and 10 mils vias for planes are the
optimal via sizes. Vias on pad may drain solder during
assembly and cause assembly issues. Consult with the
assembly house for guidelines.
PGND
Cvcin
Cvdrv
AGND
Cboot
Rboot
PGND
AGND
AGND
VIN Plane
PGND Plane
VSWH
PGND
VIN
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com