Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 4 Page - NXP Semiconductors

  PIP202-12M Datasheet HTML 1Page - NXP Semiconductors PIP202-12M Datasheet HTML 2Page - NXP Semiconductors PIP202-12M Datasheet HTML 3Page - NXP Semiconductors PIP202-12M Datasheet HTML 4Page - NXP Semiconductors PIP202-12M Datasheet HTML 5Page - NXP Semiconductors PIP202-12M Datasheet HTML 6Page - NXP Semiconductors PIP202-12M Datasheet HTML 7Page - NXP Semiconductors PIP202-12M Datasheet HTML 8Page - NXP Semiconductors PIP202-12M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
4 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
When the input voltage is LOW and current is flowing in the inductor, the upper
MOSFET must be off and the lower MOSFET must be on. Current flows from the
power ground (VSSO), through the lower MOSFET and the inductor (Lout), to the
output.
Finally, when switching between states, both MOSFETs must not be on at the same
time.
7.2 MOSFET driver function
The input, output and gate drive waveforms are shown in Figure 4. When the input
voltage goes HIGH, the gate drive to the lower MOSFET immediately goes LOW. This
causes the output current to flow through the Schottky diode, connected between the
drain and source of the lower MOSFET. This causes output voltage to fall from zero to
approximately
−0.5 V.
After a delay, if the input voltage is still HIGH, the gate drive to the upper MOSFET
goes HIGH. This causes the output voltage to rise to the output stage supply voltage,
VDDO.
When the input voltage goes LOW, the gate drive to the upper MOSFET immediately
goes LOW. The output voltage falls from VDDO, until it is clamped by the Schottky
diode at approximately
−0.5 V.
After a delay, if the input voltage is still LOW, the gate drive to the lower MOSFET
goes HIGH. The lower MOSFET turns on, and the output voltage rises from
−0.5 V to
zero.
7.3 Bootstrap diode
A bootstrap diode is integrated into the design of the PIP202-12M between VDDC
and CB.
Fig 4.
Input, output and gate drive waveforms of a synchronous DC to DC converter
output stage.
input voltage
output voltage
upper MOSFET
gate drive
lower MOSFET
gate drive
03ag35
delay
delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com