Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PIP202-12M Datasheet HTML 3Page - NXP Semiconductors PIP202-12M Datasheet HTML 4Page - NXP Semiconductors PIP202-12M Datasheet HTML 5Page - NXP Semiconductors PIP202-12M Datasheet HTML 6Page - NXP Semiconductors PIP202-12M Datasheet HTML 7Page - NXP Semiconductors PIP202-12M Datasheet HTML 8Page - NXP Semiconductors PIP202-12M Datasheet HTML 9Page - NXP Semiconductors PIP202-12M Datasheet HTML 10Page - NXP Semiconductors PIP202-12M Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
7 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
VDDC =12V; VDDO = 12 V; VO = 1.6 V; fi = 500 kHz
(1) maximum
(2) typical
VDDC =12V; VO = 1.6 V; fi = 500 kHz; IO(AV) = 12.5 A
Fig 6.
Total power dissipation as a function of average
output current; maximum and typical values.
Fig 7.
Normalized power dissipation as a function of
output stage supply voltage; typical values.
03ag53
0
2
4
6
8
0
5
10
15
20
25
IO(AV) (A)
Ptot
(W)
(1)
(2)
03ag54
0.8
1
1.2
1.4
1.6
510
15
20
VDDO (V)
a
a
P
tot
P
tot V
DDO
12V
=
()
----------------------------------------
=
VDDC =12V; VDDO = 12 V; fi = 500 kHz; IO(AV) = 12.5 A
VDDC =12V; VDDO = 12 V; VO = 1.6 V; IO(AV) = 12.5 A
Fig 8.
Normalized power dissipation as a function of
output voltage; typical values.
Fig 9.
Normalized power dissipation as a function of
input frequency; typical values.
03ag55
0.9
1
1.1
1.2
1.3
123
4
5
VO (V)
b
03ag74
0.6
0.8
1
1.2
1.4
1.6
200
400
600
800
1000
fi (kHz)
c
b
P
tot
P
tot V
O
1.6V
=
()
-----------------------------------
=
c
P
tot
P
tot f
i
500kHz
=
()
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com