Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 5 Page - NXP Semiconductors

  PIP202-12M Datasheet HTML 1Page - NXP Semiconductors PIP202-12M Datasheet HTML 2Page - NXP Semiconductors PIP202-12M Datasheet HTML 3Page - NXP Semiconductors PIP202-12M Datasheet HTML 4Page - NXP Semiconductors PIP202-12M Datasheet HTML 5Page - NXP Semiconductors PIP202-12M Datasheet HTML 6Page - NXP Semiconductors PIP202-12M Datasheet HTML 7Page - NXP Semiconductors PIP202-12M Datasheet HTML 8Page - NXP Semiconductors PIP202-12M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
5 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
7.4 3-state function
If the input from the PWM controller becomes high impedance (3-state) for longer
than144 ns, then both MOSFETs are turned off and the VI input is driven to 2.5 V by
an internal 2 x 10 k
Ω resistor voltage divider between an internal 5 V reference and
ground.
8.
Limiting values
[1]
Pulse width and repetition rate limited by maximum value of Tj.
[2]
Assumes a thermal resistance from junction to printed-circuit board of 5 K/W.
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDC
control circuit supply voltage
−0.5
14
V
VDDO
output stage supply voltage
−0.5
25
V
VI
input voltage
−0.5
5.25
V
VO
output voltage
−0.5
VDDO + 0.5 V
VCB
bootstrap voltage
−0.5
VO + 14
V
IO(AV)
average output current
VDDC = 12 V; Tpcb ≤ 110 °C; Figure 5
-25
A
IORM
repetitive peak output current
VDDC = 12 V; tp ≤ 10 µs
[1]
-
200
A
Ptot
total power dissipation
Tpcb =25 °C
[2]
-25
W
Tpcb =90 °C
[2]
-12
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
VDDC =12V; VDDO = 12 V; fi = 500 kHz; VO = 1.6 V.
Fig 5.
Average output current as a function of printed-circuit board temperature.
03ag41
0
10
20
30
0
50
100
150
Tpcb (°C)
IO(AV)
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com