Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 3 Page - NXP Semiconductors

  PIP202-12M Datasheet HTML 1Page - NXP Semiconductors PIP202-12M Datasheet HTML 2Page - NXP Semiconductors PIP202-12M Datasheet HTML 3Page - NXP Semiconductors PIP202-12M Datasheet HTML 4Page - NXP Semiconductors PIP202-12M Datasheet HTML 5Page - NXP Semiconductors PIP202-12M Datasheet HTML 6Page - NXP Semiconductors PIP202-12M Datasheet HTML 7Page - NXP Semiconductors PIP202-12M Datasheet HTML 8Page - NXP Semiconductors PIP202-12M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
3 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
6.2 Pin description
[1]
All pins connected to PAD1
[2]
All pins connected to PAD2
[3]
All pins connected to PAD3
[4]
PAD1, PAD2 and PAD3 are electrical connections and must be soldered to the printed circuit board
[5]
All n.c. pins should be connected to VSSC.
7.
Functional description
7.1 Basic functionality
In order to understand the functions performed by the PIP202-12M, consider the
requirements of a synchronous DC to DC converter output stage, driven from a PWM
controller (Figure 3).
When the input voltage is HIGH, the upper MOSFET must be on and the lower
MOSFET must be off. Current flows from the supply (VDDO), through the upper
MOSFET and the inductor (Lout), to the output.
Table 2:
Pin description
Symbol
Pin
I/O
Description
VDDO
1 to 8, 60, 61,
68
[1] [4]
-
output stage supply voltage
VSSC
9, 15, 22 to 24 [2] [4]
-
control circuit supply ground
VO
10, 26, 27,
45 to 59,
62 to 67
[3] [4]
O
output
CB
11, 12
I/O
bootstrap capacitor connection
VDDC
13, 14
-
control circuit supply voltage
VI
16, 17
I
pulse width modulated input
VSSO
28 to 44
−
output stage supply ground
n.c.
18 to 21, 25
[5]
−
no internal connection
Fig 3.
Simplified functional block diagram of a synchronous DC to DC converter
output stage.
VI
VDDC
VSSC
VO
VDDO
input voltage
from PWM controller
control circuit supply (12 V)
output stage supply voltage
tp
tp
T
T
δ =
VI
VSSO
CB
03ad36
output
100
nF
Lout
Cout
signal ground power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com