Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PIP202-12M Datasheet HTML 9Page - NXP Semiconductors PIP202-12M Datasheet HTML 10Page - NXP Semiconductors PIP202-12M Datasheet HTML 11Page - NXP Semiconductors PIP202-12M Datasheet HTML 12Page - NXP Semiconductors PIP202-12M Datasheet HTML 13Page - NXP Semiconductors PIP202-12M Datasheet HTML 14Page - NXP Semiconductors PIP202-12M Datasheet HTML 15Page - NXP Semiconductors PIP202-12M Datasheet HTML 16Page - NXP Semiconductors PIP202-12M Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
13 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
12. Test information
Figure 14 shows the test circuit used to measure power loss in the PIP202-12M. The
output voltage is measured using an averaging circuit. This eliminates losses in the
output inductor and the PCB tracks. The calculated power loss, using this method,
includes the losses in the Equivalent Series Resistance (ESR) of the input filter
capacitors. This must be subtracted from the total loss to give the net loss in the
PIP202-12M.
13. Marking
Fig 14. Power loss (Ptot) test circuit.
VI
VDDC
VSSC
VO
VDDO
input voltage
from pulse generator
control circuit
supply (12 V)
output stage supply
VI
VSSO
CB
03ai73
IO
100
nF
V
averaging
circuit
A
load
A
A
V
VO(AV)
IDDO
IDDC
500 nH
VDDO
signal ground
power ground
P
DDO
V
DDO
I
DDO
×
=
P
DDC
V
DDC
I
DDC
×
=
P
O
V
OAV
()
I
O
×
=
P
tot
P
DDO
P
DDC
P
O
–
+
=
TYPE No: PIP202-12M-NN (NN is version number)
DIFFUSION LOT No: 7 characters
MANUFACTURING CODE: see Figure 16
COUNTRY OF ORIGIN: Korea
Fig 15. SOT687-1 marking.
Fig 16. Interpretation of manufacturing code.
terminal 1
index area
03ag38
TYPE No.
DIFFUSION LOT No.
MANUFACTURING CODE
COUNTRY OF ORIGIN
Release status code
X = Development Sample
Y = Customer Qualification Sample
blank = Released for Supply
Date code
YY = last two digits of year
WW = week number
Design centre
k = Hazel Grove, UK
Diffusion centre
h = Hazel Grove, UK
Assembly centre
f = Anam Korea
03ai72
hfkYYWWY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com