Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PIP202-12M Datasheet HTML 11Page - NXP Semiconductors PIP202-12M Datasheet HTML 12Page - NXP Semiconductors PIP202-12M Datasheet HTML 13Page - NXP Semiconductors PIP202-12M Datasheet HTML 14Page - NXP Semiconductors PIP202-12M Datasheet HTML 15Page - NXP Semiconductors PIP202-12M Datasheet HTML 16Page - NXP Semiconductors PIP202-12M Datasheet HTML 17Page - NXP Semiconductors PIP202-12M Datasheet HTML 18Page - NXP Semiconductors PIP202-12M Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
15 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
15. Soldering
15.1 Introduction to soldering MLF packages
The MicroLeadFrame package (MLF) is a near Chip Scale Package (CSP) with a
copper leadframe. It is a leadless package, where electrical contact to the printed
circuit board is made through metal pads on the underside of the package. In addition
to the small pads around the periphery of the package, there are large pads on the
underside that provide low thermal resistance, low electrical resistance, low
inductance connections between the power components inside the MLF package and
the PCB. It is this feature of the MLF package that makes it ideally suited for VRM
applications.
Electrical connection between the package and the printed circuit board is made by
printing solder paste on the printed circuit board, placing the component and
reflowing the solder in a convection or infra-red oven. The solder reflow process is
shown in Figure 18 and the typical temperature profile is shown in Figure 19. To
ensure good solder joints, the peak temperature Tp should not exceed 220° C for thin
packages such as MLF, and the time above liquidus temperature should be less than
1.25 minutes. The maximum temperature can be increased for lead free solder. The
ramp rate during preheat should not exceed 3 K/s. Nitrogen purge is recommended
during reflow.
Fig 18. Typical reflow soldering process flow.
Fig 19. Typical reflow soldering temperature profile.
SOLDER PASTE
PRINTING
POST PRINT
INSPECTION
COMPONENT
PLACEMENT
PRE REFLOW
INSPECTION
REFLOW SOLDERING
POST REFLOW INSPECTION
(PREFERABLY X-RAY)
REWORK AND
TOUCH UP
03aj25
03aj26
0
100
200
300
01
23
time (minutes)
Temp
Tr
Te
Tp
rate of rise of
temperature < 3 K/s
1 min max
1.25 min max
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com