Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP202-12M Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PIP202-12M Datasheet HTML 10Page - NXP Semiconductors PIP202-12M Datasheet HTML 11Page - NXP Semiconductors PIP202-12M Datasheet HTML 12Page - NXP Semiconductors PIP202-12M Datasheet HTML 13Page - NXP Semiconductors PIP202-12M Datasheet HTML 14Page - NXP Semiconductors PIP202-12M Datasheet HTML 15Page - NXP Semiconductors PIP202-12M Datasheet HTML 16Page - NXP Semiconductors PIP202-12M Datasheet HTML 17Page - NXP Semiconductors PIP202-12M Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
14 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
14. Package outline
Fig 17. SOT687-1.
A4
b
UNIT
D
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
10.15
9.85
10.15
9.85
3.8
3.5
3.8
3.5
0.5
v
0.1
w
0.05
y
0.05
y1
0.1
8
e1
8
e2
0.30
0.18
c
0.2
9.95
9.55
9.95
9.55
7.85
7.55
0.75
0.50
0.80
0.65
A1
0.05
0.00
1
DIMENSIONS (mm are the original dimensions)
SOT687-1
MO-220
- - -
- - -
EEh1
Dh
E1
Dh1
D1
L
0
2.5
5 mm
scale
SOT687-1
HVQFN68: plastic thermal enhanced very thin quad flat package; no leads;
68 terminals; body 10 x 10 x 0.85 mm
A
max.
A
A4
A1
detail X
L
Eh1
Eh1
Dh1
Dh
Dh1
e
1
17
51
35
34
18
68
52
X
D
D1
E
E1
e2
01-12-04
02-04-24
terminal 1
index area
terminal 1
index area
B
A
c
y
y1 C
C
e
e1
b
A
C
C
B
v M
w M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com