Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 2 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 2 Page - International Rectifier

  IRMCS2013 Datasheet HTML 1Page - International Rectifier IRMCS2013 Datasheet HTML 2Page - International Rectifier IRMCS2013 Datasheet HTML 3Page - International Rectifier IRMCS2013 Datasheet HTML 4Page - International Rectifier IRMCS2013 Datasheet HTML 5Page - International Rectifier IRMCS2013 Datasheet HTML 6Page - International Rectifier IRMCS2013 Datasheet HTML 7Page - International Rectifier IRMCS2013 Datasheet HTML 8Page - International Rectifier IRMCS2013 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
REFERENCE DESIGN
IRMCS2013
Encoder Based Low Voltage Servo Drive
Design Platform
Features
Low cost complete AC servo drive design platform
IRMCK201 IC for complete servo control
Simple design with IR2175 current sensing HVIC
48V/350W output power with MOSFET inverter
High bandwidth torque loop response
Flexible drive configuration (PMAC or induction
motor)
Quadrature encoder interface
Low cost A/D interface with multiplexer
ServoDesigner
TM tool for easy operation
RS232C and fast SPI interface (standard)
Parallel interface for microcontroller expansion or
debug port
Over-current and ground fault protection
Over-voltage / Under-voltage protection
Dynamic Braking control with brake MOSFET/FWD
Discrete I/Os (START, STOP, FAULT, FLTCLR,
SYNC, IFBCAL, PWMACTIVE)
Configuration data retention at power up/down
Product Summary
Current loop bandwidth (-3dB)
5 kHz (typ)
Speed loop bandwidth (adjustable)
400 Hz (typ)
PWM carrier frequency
70 kHz max
Hardware current loop execution time
6 µsec
Enhanced low speed regulation by 1/T algorithm
Continuous output current
6 Arms @20KHz PWM
Overload output current
18 Arms (3 secs)
Max SPI comm. speed
6 MHz
Slave SPI configuration
Max RS232C speed
57.6 kbps
Input dc voltage range
22 to 50 V (typical)
Description
IRMCS2013 is a complete servo drive design platform for low voltage AC servo drive applications up to 350W. The system
contains the latest advanced motion control IC, IRMCK201, and the ServoDesigner
TM software. The complete B/Ms and
schematics are provided so that the user can adapt and tailor the design per application needs. The system does not require
any software code development due to unique Motion Control Engine implemented in the IRMCK201 IC. User can readily
evaluate high performance servo control without spending development effort usually required in the traditional DSP or
microcontroller based system. IRMCS2013 contains advanced iMOTION
TM chipset such as IR2175 monolithic current
sensing ICs and IR2106 gate drive ICs, which enable simple and cost effective motion control design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com