Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 14 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 10Page - International Rectifier IRMCS2013 Datasheet HTML 11Page - International Rectifier IRMCS2013 Datasheet HTML 12Page - International Rectifier IRMCS2013 Datasheet HTML 13Page - International Rectifier IRMCS2013 Datasheet HTML 14Page - International Rectifier IRMCS2013 Datasheet HTML 15Page - International Rectifier IRMCS2013 Datasheet HTML 16Page - International Rectifier IRMCS2013 Datasheet HTML 17Page - International Rectifier IRMCS2013 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
13
6. Running the System
6.1 Power-On
Apply DC 48V power to the system. Immediately after power-on, the red LED (surface mount LED D17 located close
to the IRMCK201) will lit on/off indicating the on-board DC bus has been established.
6.2 Running motor with ServoDesigner
Step 1. Opening the Configuration File
You need to open a configuration file. The configuration file contains the register, functional and monitor definitions
that make up ServoDesigner’s tree view. To start, you should open one of the default files that are shipped with the
release. Later, when you’ve modified the register values, function definitions and/or tunable parameters, you’ll want to
save your custom configuration in another file.
A default configuration file for each supported motor is shipped with the release. The file names include the part
number of your product and the part number of the motor, with the file extension “.irc”. For example, one of the
configuration files for the IRMCS2013 product is named “IRMCS2013- P50B05007AXS7Z ”. The files are located in
the iMOTION\ServoDesigner directory. To open a configuration file, select Open from the File menu or click the
toolbar button that shows an open folder. Browse for the file you want and click OK. An example is shown in Figure
9.
Figure 9. Open a Configuration File
Note: Configuration files are saved in text format, but you should not edit the files manually. If you need to make
changes to a configuration file, open the file in ServoDesigner, make the changes as described later in this document,
and then save the changes by selecting Save or Save As… from the File menu.
Step 2. Checking Communication Status
Until you open a configuration file, the COM port status at the bottom of ServoDesigner’s main display shows
“Inactive”. When you open a file, ServoDesigner attempts to establish contact with the IRMCS2013 by executing a
read operation. If ServoDesigner receives a reply to its request, the COM port status shows “Up.” If no reply is
received, the status changes to “Down.” A “Down” status usually means the reference platform is not powered on, the
RS232 cable is not connected, or the cable is connected to the wrong COM port. Figure 10 shows how communication
status should appear before you continue your testing .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com