Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2013 Datasheet(PDF) 12 Page - International Rectifier

Part # IRMCS2013
Description  Encoder Based Low Voltage Servo Drive Design Platform
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2013 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRMCS2013 Datasheet HTML 8Page - International Rectifier IRMCS2013 Datasheet HTML 9Page - International Rectifier IRMCS2013 Datasheet HTML 10Page - International Rectifier IRMCS2013 Datasheet HTML 11Page - International Rectifier IRMCS2013 Datasheet HTML 12Page - International Rectifier IRMCS2013 Datasheet HTML 13Page - International Rectifier IRMCS2013 Datasheet HTML 14Page - International Rectifier IRMCS2013 Datasheet HTML 15Page - International Rectifier IRMCS2013 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Reference Design
IRMCS2013
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
11
5. Software Installation
5.1 Installing from the CD
The distributed CD contains all necessary documents and software files. Load the CD into the CD-ROM drive on your
PC and double-click “IRMCS2013.exe”. It will ask you for a password, which is in the file “iMOTION Install
IRMCS2013.pdf”. After you enter the password, an automated procedure will install all necessary software on your
PC. The default location for the installation is “C:\Program Files\iMOTION”.
5.2 ServoDesigner Startup
You should follow the instructions in this section the first time you use ServoDesigner to verify your installation and
test the reference design. These “quick start” instructions assume that you’re using one of the supported motors
listed in section 3.1. If not, you’ll need to enter motor configuration parameters before you can begin testing. Refer to
“ServoDesigner User’s Guide” and “IRMCK201 Application Developer’s Guide” for more information.
Step 1. RS232 Connection
ServoDesigner communicates with the IRMCS2013 using a COM port on your PC. Before you start the application,
you should attach an RS232 cable to the DB9 connector on the reference platform and connect it to an available COM
port on your PC.
The first time you start ServoDesigner, a Connection dialog (shown in Figure 7) appears and presents you with a list of
available COM ports on your system. Select the COM port to which you have connected the RS232 cable.
Figure 7. The Connection Dialog
The Connection dialog also allows you to enable and disable product ID and version checking and status polling. You
should have “Product ID and version checking” disabled and “Status polling” enabled!
When you click OK in the Connection dialog, your selections are saved so they can be used next time you start the
application. (The dialog won’t appear on startup again.) If you want to change your selections later on, you can access
the Connection dialog through the Preferences menu.
The currently configured COM port is shown on the status bar at the bottom of ServoDesigner’s main display.
Step 2. Numeric Format
The first time you start ServoDesigner, the Numeric Display Format dialog appears, as shown in Figure 8. This dialog
allows you to select either decimal or hexadecimal format for numeric display. Click the blue button to switch between
hexadecimal and decimal. When you click OK, your setting is saved so it can be used next time you run
ServoDesigner. (The dialog won’t appear on startup again.) If you want to change the setting later on, you can
access the Numeric Display Format dialog through the Preferences menu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com